Electronic Components Datasheet Search
  English  ▼

X  

TMPA208DS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TMPA208DS
Description  2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA208DS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TMPA208DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA208DS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Tai-1 Microelectronics
Preliminary
TMPA208DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.1.0
June 27, 2006
Copyright
©2005,Tai-1 Microelectronics Corp.
6
Table 1. TYPICAL DC VOLUME CONTROL
VOLTAGE ON VOLUME PIN
(V)
TYPICAL GAIN OF AMPLIFIER
(dB)
0-0.1
-38
0.1-0.19
-36
0.19-0.29
-34
0.29-0.39
-32
0.39-0.48
-30
0.48-0.58
-28
0.58-0.68
-26
0.68-0.77
-24
0.77-0.87
-22
0.87-0.97
-20
0.97-1.06
-18
1.06-1.16
-16
1.16-1.26
-14
1.26-1.35
-12
1.35-1.45
-10
1.45-1.55
-8
1.55-1.64
-6
1.64-1.74
-4
1.74-1.84
-2
1.84-1.93
0
1.93-2.03
2
2.03-2.13
4
2.13-2.22
6
2.22-2.32
8
2.32-2.42
10
2.42-2.51
12
2.51-2.61
14
2.61-2.71
16
2.71-2.8
18
2.8-2.9
20
2.9-VDD
—
*Not fully tested but guaranteed by design.
**This table is only for VDD=5V
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com