Electronic Components Datasheet Search
  English  ▼

X  

DP83849ID Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849ID
Description  PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849ID Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83849ID Datasheet HTML 35Page - National Semiconductor (TI) DP83849ID Datasheet HTML 36Page - National Semiconductor (TI) DP83849ID Datasheet HTML 37Page - National Semiconductor (TI) DP83849ID Datasheet HTML 38Page - National Semiconductor (TI) DP83849ID Datasheet HTML 39Page - National Semiconductor (TI) DP83849ID Datasheet HTML 40Page - National Semiconductor (TI) DP83849ID Datasheet HTML 41Page - National Semiconductor (TI) DP83849ID Datasheet HTML 42Page - National Semiconductor (TI) DP83849ID Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
www.national.com
5.6.2 Interrupt Mechanisms
Since each port has a separate interrupt pin, the interrupts
can be connected individually or may be combined in a
wired-OR fashion. If the interrupts share a single connec-
tion, each port status should be checked following an inter-
rupt.
The interrupt function is controlled via register access. All
interrupt sources are disabled by default. Setting bit 1
(INTEN) of MICR (11h) will enable interrupts to be output,
dependent on the interrupt mask set in the lower byte of
the MISR (12h). The PWRDOWN_INT pin is asynchro-
nously asserted low when an interrupt condition occurs.
The source of the interrupt can be determined by reading
the upper byte of the MISR. One or more bits in the MISR
will be set, denoting all currently pending interrupts. Read-
ing of the MISR clears ALL pending interrupts.
Example: To generate an interrupt on a change of link sta-
tus or on a change of energy detect power state, the steps
would be:
— Write 0003h to MICR to set INTEN and INT_OE
— Write 0060h to MISR to set ED_INT_EN and
LINK_INT_EN
— Monitor PWRDOWN_INT pin
When PWRDOWN_INT pin asserts low, the user would
read the MISR register to see if the ED_INT or LINK_INT
bits are set, i.e. which source caused the interrupt. After
reading the MISR, the interrupt bits should clear and the
PWRDOWN_INT pin will deassert.
5.7 Energy Detect Mode
When Energy Detect is enabled and there is no activity on
the cable, the DP83849ID will remain in a low power mode
while monitoring the transmission line. Activity on the line
will cause the DP83849ID to go through a normal power up
sequence. Regardless of cable activity, the DP83849ID will
occasionally wake up the transmitter to put ED pulses on
the line, but will otherwise draw as little power as possible.
Energy detect functionality is controlled via register Energy
Detect Control (EDCR), address 1Dh.
5.8 Link Diagnostic Capabilities
The DP83849ID contains several system diagnostic capa-
bilities for evaluating link quality and detecting potential
cabling faults in Twisted Pair cabling. Software configura-
tion is available through the Link Diagnostics Registers -
Page 2 which can be selected via Page Select Register
(PAGESEL), address 13h. These capabilities include:
— Linked Cable Status
— Link Quality Monitor
— TDR (Time Domain Reflectometry) Cable Diagnostics
5.8.1 Linked Cable Status
In an active connection with a valid link status, the following
diagnostic capabilities are available:
— Polarity reversal
— Cable swap (MDI vs MDIX) detection
— 100Mb Cable Length Estimation
— Frequency offset relative to link partner
— Cable Signal Quality Estimation
5.8.1.1 Polarity Reversal
The DP83849ID detects polarity reversal by detecting neg-
ative link pulses. The Polarity indication is available in bit
12 of the PHYSTS (10h) or bit 4 of the 10BTSCR (1Ah).
Inverted polarity indicates the positive and negative con-
ductors in the receive pair are swapped. Since polarity is
corrected by the receiver, this does not necessarily indicate
a functional problem in the cable.
Since the polarity indication is dependent on link pulses
from the link partner, polarity indication is only valid in
10Mb modes of operation, or in 100Mb Auto-Negotiated
mode. Polarity indication is not available in 100Mb forced
mode of operation or in a parallel detected 100Mb mode.
5.8.1.2 Cable Swap Indication
As part of Auto-Negotiation, the DP83849ID has the ability
(using Auto-MDIX) to automatically detect a cable with
swapped MDI pairs and select the appropriate pairs for
transmitting and receiving data.
Normal operation is
termed MDI, while crossed operation is MDIX. The MDIX
status can be read from bit 14 of the PHYSTS (10h).
5.8.1.3 100MB Cable Length Estimation
The DP83849ID provides a method of estimating cable
length based on electrical characteristics of the 100Mb
Link. This essentially provides an effective cable length
rather than a measurement of the physical cable length.
The cable length estimation is only available in 100Mb
mode of operation with a valid Link status.
The cable
length estimation is available at the Link Diagnostics Reg-
isters
-
Page
2,
register
100Mb
Length
Detect
(LEN100_DET), address 14h.
5.8.1.4 Frequency Offset Relative to Link Partner
As part of the 100Mb clock recovery process, the DSP
implementation provides a frequency control parameter.
This value may be used to indicate the frequency offset of
the device relative to the link partner. This operation is only
available in 100Mb operation with a valid link status. The
frequency offset can be determined using the register
100Mb Frequency Offset Indication (FREQ100), address
15h, of the Link Diagnostics Registers - Page 2.
Two different versions of the Frequency Offset may be
monitored through bits [7:0] of register FREQ100 (15h).
The first is the long-term Frequency Offset. The second is
the current Frequency Control value, which includes short-
term phase adjustments and can provide information on
the amount of jitter in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com