Electronic Components Datasheet Search
  English  ▼

X  

DP83849ID Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849ID
Description  PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849ID Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83849ID Datasheet HTML 9Page - National Semiconductor (TI) DP83849ID Datasheet HTML 10Page - National Semiconductor (TI) DP83849ID Datasheet HTML 11Page - National Semiconductor (TI) DP83849ID Datasheet HTML 12Page - National Semiconductor (TI) DP83849ID Datasheet HTML 13Page - National Semiconductor (TI) DP83849ID Datasheet HTML 14Page - National Semiconductor (TI) DP83849ID Datasheet HTML 15Page - National Semiconductor (TI) DP83849ID Datasheet HTML 16Page - National Semiconductor (TI) DP83849ID Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
13
www.national.com
1.7 Strap Options (Continued)
FX_EN_A (COL_A)
FX_EN_B (COL_B)
AN_EN
(LED_ACT/LED_COL_A)
AN1_A (LED_SPEED_A)
AN0_A (LED_LINK_A)
AN_EN
(LED_ACT/LED_COL_B)
AN1_B (LED_SPEED_B)
AN0_B (LED_LINK_B)
S, I, PD
S, O, PU
3
59
21
20
19
41
42
43
FX ENABLE: Default is to disable 100BASE-FX (Fiber) mode.
This strapping option enables 100BASE-FX. An external pull-up
will enable 100BASE-FX mode.
Auto-Negotiation Enable: When high, this enables Auto-Negoti-
ation with the capability set by AN0 and AN1 pins. When low, this
puts the part into Forced Mode with the capability set by AN0 and
AN1 pins.
AN0 / AN1: These input pins control the forced or advertised oper-
ating mode of the DP83849ID according to the following table. The
value on these pins is set by connecting the input pins to GND (0)
or VCC (1) through 2.2 kΩ resistors. These pins should NEVER
be connected directly to GND or VCC.
Fiber Mode Duplex Selection: If Fiber mode is strapped using the
FX_EN pin, the AN0 strap value is used to select Half or Full Du-
plex. AN_EN and AN1are ignored if FX_EN is asserted, since Fi-
ber mode is 100Mb only and does not support Auto-Negotiation.
The value set at this input is latched into the DP83849ID at Hard-
ware-Reset.
The float/pull-down status of these pins are latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset.
The default is 0111 since the FX_EN pin has an internal pull-down
and the Auto-Negotiation pins have internal pull-ups.
Signal Name
Type
Pin #
Description
FX_EN AN_EN
AN1
AN0
Forced Mode
0
0
0
0
10BASE-T, Half-Duplex
0
0
0
1
10BASE-T, Full-Duplex
0
0
1
0
100BASE-TX, Half-Duplex
0
0
1
1
100BASE-TX, Full-Duplex
1
X
X
0
100BASE-FX, Half-Duplex
1
X
X
1
100BASE-FX, Full-Duplex
FX_EN AN_EN
AN1
AN0
Advertised Mode
0
1
0
0
10BASE-T, Half/Full-Duplex
0
1
0
1
100BASE-TX, Half/Full-Duplex
0
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
0
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com