Electronic Components Datasheet Search
  English  ▼

X  

DP83849ID Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849ID
Description  PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849ID Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83849ID Datasheet HTML 10Page - National Semiconductor (TI) DP83849ID Datasheet HTML 11Page - National Semiconductor (TI) DP83849ID Datasheet HTML 12Page - National Semiconductor (TI) DP83849ID Datasheet HTML 13Page - National Semiconductor (TI) DP83849ID Datasheet HTML 14Page - National Semiconductor (TI) DP83849ID Datasheet HTML 15Page - National Semiconductor (TI) DP83849ID Datasheet HTML 16Page - National Semiconductor (TI) DP83849ID Datasheet HTML 17Page - National Semiconductor (TI) DP83849ID Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
14
www.national.com
1.7 Strap Options (Continued)
MII_MODE_A (RX_DV_A)
SNI_MODE_A (TXD3_A)
MII_MODE_B (RX_DV_B)
SNI_MODE_B (TXD3_B)
S, O, PD
80
17
62
45
MII MODE SELECT: This strapping option pair determines the
operating mode of the MAC Data Interface. Default operation (No
pull-ups) will enable normal MII Mode of operation. Strapping
MII_MODE high will cause the device to be in RMII or SNI modes
of operation, determined by the status of the SNI_MODE strap.
Since the pins include internal pull-downs, the default values are
0. Both MAC Data Interfaces must have their RMII Mode settings
the same, i.e. both in RMII mode or both not in RMII mode.
The following table details the configurations:
LED_CFG_A
(CRS_A/CRS_DV_A)
LED_CFG_B
(CRS_B/CRS_DV_B)
S, O, PU
1
61
LED CONFIGURATION: This strapping option determines the
mode of operation of the LED pins. Default is Mode 1. Mode 1 and
Mode 2 can be controlled via the strap option. All modes are con-
figurable via register access.
See Table 3 on page 20 for LED Mode Selection.
MDIX_EN_A (RX_ER_A)
MDIX_EN_B (RX_ER_B)
S, O, PU
2
60
MDIX ENABLE: Default is to enable MDIX. This strapping option
disables Auto-MDIX. An external pull-down will disable Auto-MDIX
mode.
ED_EN_A (RXD3_A)
ED_EN_B (RXD3_B)
S, O, PD
9
53
Energy Detect ENABLE: Default is to disable Energy Detect
mode. This strapping option enables Energy Detect mode for the
port. In Energy Detect mode, the device will initially be in a low-
power state until detecting activity on the wire. An external pull-up
will enable Energy Detect mode.
CLK2MAC_DIS (RXD2_A)
S, O, PD
8
Clock to MAC Disable: This strapping option disables (floats) the
CLK2MAC pin. Default is to enable CLK2MAC output. An external
pullup will disable (float) the CLK2MAC pin. If the system does not
require the CLK2MAC signal, the CLK2MAC output should be dis-
abled via this strap option.
Signal Name
Type
Pin #
Description
MII_MODE
SNI_MODE
MAC Interface
Mode
0
X
MII Mode
1
0
RMII Mode
1
1
10 Mb SNI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com