Electronic Components Datasheet Search
  English  ▼

X  

DP83849ID Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849ID
Description  PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849ID Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83849ID Datasheet HTML 59Page - National Semiconductor (TI) DP83849ID Datasheet HTML 60Page - National Semiconductor (TI) DP83849ID Datasheet HTML 61Page - National Semiconductor (TI) DP83849ID Datasheet HTML 62Page - National Semiconductor (TI) DP83849ID Datasheet HTML 63Page - National Semiconductor (TI) DP83849ID Datasheet HTML 64Page - National Semiconductor (TI) DP83849ID Datasheet HTML 65Page - National Semiconductor (TI) DP83849ID Datasheet HTML 66Page - National Semiconductor (TI) DP83849ID Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
63
www.national.com
8
SD_OPTION
1, RW
Signal Detect Option:
1 = Default operation. Link will be asserted following detection of
valid signal level and Descrambler Lock. Link will be maintained as
long as signal level is valid. A loss of Descrambler Lock will not
cause Link Status to drop.
0 = Modified signal detect algorithm. Link will be asserted following
detection of valid signal level and Descrambler Lock. Link will be
maintained as long as signal level is valid and Descrambler re-
mains locked.
7
DESC_TIME
0, RW
Descrambler Timeout:
Increase the descrambler timeout. When set this should allow the
device to receive larger packets (>9k bytes) without loss of syn-
chronization.
1 = 2ms
0 = 722us (per ANSI X3.263: 1995 (TP-PMD) 7.2.3.3e)
6
FX_EN
Strap, RW
FX Fiber Mode Enable:
This bit is set when the FX_EN strap option is selected (pulled high)
for the respective port.
1 = Enables FX operation
0 = Disables FX operation
5
FORCE_100_OK
0, RW
Force 100Mb/s Good Link:
1 = Forces 100Mb/s Good Link.
0 = Normal 100Mb/s operation.
4
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
3
FEFI_EN
Strap, RW
Far End Fault Indication Mode Enable:
This bit is set when the FX_EN strap option is selected for the re-
spective port.
1 = FEFI Mode Enabled
0 = FEFI Mode Disabled
2
NRZI_BYPASS
0, RW
NRZI Bypass Enable:
1 = NRZI Bypass Enabled.
0 = NRZI Bypass Disabled.
1
SCRAM
BYPASS
Strap, RW
Scrambler Bypass Enable:
This bit is set when the FX_EN strap option is selected for the re-
spective port. In the FX mode, the scrambler is bypassed.
1 = Scrambler Bypass Enabled
0 = Scrambler Bypass Disabled
0
DESCRAM
BYPASS
Strap, RW
Descrambler Bypass Enable:
This bit is set when the FX_EN strap option is selected for the re-
spective port. In the FX mode, the descrambler is bypassed.
1 = Descrambler Bypass Enabled
0 = Descrambler Bypass Disabled
Table 35. 100 Mb/s PCS Configuration and Status Register (PCSR), address 16h (Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com