Electronic Components Datasheet Search
  English  ▼

X  

ADT7481 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7481 Datasheet HTML 6Page - Analog Devices ADT7481 Datasheet HTML 7Page - Analog Devices ADT7481 Datasheet HTML 8Page - Analog Devices ADT7481 Datasheet HTML 9Page - Analog Devices ADT7481 Datasheet HTML 10Page - Analog Devices ADT7481 Datasheet HTML 11Page - Analog Devices ADT7481 Datasheet HTML 12Page - Analog Devices ADT7481 Datasheet HTML 13Page - Analog Devices ADT7481 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7481
Rev. 0 | Page 10 of 24
TEMPERATURE MEASUREMENT RESULTS
The results of the local and remote temperature measurements
are stored in the local and remote temperature value registers
and are compared with limits programmed into the local and
remote high and low limit registers.
The local temperature measurement is an 8-bit measurement
with 1°C resolution. The remote temperature measurements are
10-bit measurements, with the 8 MSBs stored in one register
and the 2 LSBs stored in another register. Table 5 is a list of the
temperature measurement registers.
Table 5. Register Address for the Temperature Values
Temperature
Channel
Register Address,
MSBs
Register Address,
LSBs
Local
0x00
N/A
Remote 1
0x01
0x10 (2 MSBs)
Remote 2
0x30
0x33 (2 MSBs)
If Bit 3 of the Configuration 1 register is set to 1, then the
Remote 2 temperature values can be read from the following
register addresses:
Remote 2, MSBs = 0x01
Remote 2, LSBs = 0x10
The above is true only when Bit 3 of the Configuration 1 register
is set. To read the Remote 1 temperatures, this bit needs to be
switched back to 0.
Only the two MSBs in the remote temperature low byte are
used. This gives the remote temperature measurement a
resolution of 0.25°C. Table 6 shows the data format for the
remote temperature low byte.
Table 6. Extended Temperature Resolution
(Remote Temperature Low Byte)
Extended Resolution
Remote Temperature Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full remote temperature value, including both
the high and low byte, the two registers should be read LSB first
and then the MSB. This is because reading the LSB will cause the
MSB to be locked until it is read. This is to guarantee that the two
values read are derived from the same temperature measurement.
The MSB register updates only after it has been read. The MSB
will not lock if a SMBus repeat start is used between reading the
two registers. There needs to be a stop between reading the LSB
and MSB.
If the LSB register is read but not the MSB register, then fail-safe
protection is provided by the THERM and ALERT signals
which update with the latest temperature measurements rather
than the register values.
TEMPERATURE MEASUREMENT RANGE
The temperature measurement range for both local and remote
measurements is, by default, 0°C to +127°C. However, the
ADT7481 can be operated using an extended temperature range.
The temperature range in the extended mode is −64°C to +191°C.
The user can switch between these two temperature ranges by
setting or clearing Bit 2 in the Configuration 1 register. A valid
result is available in the next measurement cycle after changing
the temperature range.
Bit 2 Configuration Register 2 = 0 = 0°C to +127°C = default
Bit 2 Configuration Register 2 = 1 = −64°C to +191°C
In extended temperature mode, the upper and lower temperatures
that can be measured by the ADT7481 are limited by the remote
diode selection. While the temperature registers can have values
from −64°C to +191°C, most temperature sensing diodes have a
maximum temperature range of −55°C to +150°C.
Note that while both local and remote temperature measurements
can be made while the part is in extended temperature mode,
the ADT7481 should not be exposed to temperatures greater
than those specified in the Absolute section. Furthermore, the
device is only guaranteed to operate as specified at ambient
temperatures from −40°C to +120°C.
TEMPERATURE DATA FORMAT
The ADT7481 has two temperature data formats. When the
temperature measurement range is from 0°C to +127°C
(default), the temperature data format is binary for both local
and remote temperature results. See the Temperature Measurement
Range section for information on how to switch between the
two data formats.
When the measurement range is in extended mode, an offset
binary data format is used for both local and remote results.
Temperature values in the offset binary data format are offset by
+64. Examples of temperatures in both data formats are shown
in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com