Electronic Components Datasheet Search
  English  ▼

X  

ADT7481 Datasheet(PDF) 24 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADT7481 Datasheet HTML 16Page - Analog Devices ADT7481 Datasheet HTML 17Page - Analog Devices ADT7481 Datasheet HTML 18Page - Analog Devices ADT7481 Datasheet HTML 19Page - Analog Devices ADT7481 Datasheet HTML 20Page - Analog Devices ADT7481 Datasheet HTML 21Page - Analog Devices ADT7481 Datasheet HTML 22Page - Analog Devices ADT7481 Datasheet HTML 23Page - Analog Devices ADT7481 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADT7481
Rev. 0 | Page 24 of 24
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187-BA
Figure 24. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Operating Temperature Range
Package Description
Package Option
Branding
SMBus Address
ADT7481ARMZ1
−40°C to +125°C
10-Lead MSOP
RM-10
T08
4C
ADT7481ARMZ-REEL1
−40°C to +125°C
10-Lead MSOP
RM-10
T08
4C
ADT7481ARMZ-REEL71
−40°C to +125°C
10-Lead MSOP
RM-10
T08
4C
ADT7481ARMZ-11
−40°C to +125°C
10-Lead MSOP
RM-10
T0M
4B
ADT7481ARMZ-1REEL1
−40°C to +125°C
10-Lead MSOP
RM-10
T0M
4B
ADT7481ARMZ-1REEL71
−40°C to +125°C
10-Lead MSOP
RM-10
T0M
4B
1 Z = Pb-free part.
©2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05466–0–7/05(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com