Electronic Components Datasheet Search
  English  ▼

X  

ADT7481 Datasheet(PDF) 23 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADT7481 Datasheet HTML 16Page - Analog Devices ADT7481 Datasheet HTML 17Page - Analog Devices ADT7481 Datasheet HTML 18Page - Analog Devices ADT7481 Datasheet HTML 19Page - Analog Devices ADT7481 Datasheet HTML 20Page - Analog Devices ADT7481 Datasheet HTML 21Page - Analog Devices ADT7481 Datasheet HTML 22Page - Analog Devices ADT7481 Datasheet HTML 23Page - Analog Devices ADT7481 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADT7481
Rev. 0 | Page 23 of 24
generators, data/address buses, and CRTs are avoided, this
distance can range from 4 inches to 8 inches.
• Route the D+ and D− tracks close together, in parallel, with
grounded guard tracks on each side. To minimize inductance
and reduce noise pick-up, a 5 mil track width and spacing is
recommended. Provide a ground plane under the tracks if
possible.
GND
D+
D–
GND
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
Figure 22. Typical Arrangement of Signal Tracks
• Try to minimize the number of copper/solder joints that can
cause thermocouple effects. Where copper/solder joints are
used, make sure that they are in both the D+ and D− path
and at the same temperature.
• Thermocouple effects should not be a major problem as
1°C corresponds to about 200 mV, and thermocouple
voltages are about 3 mV/°C of temperature difference.
• Unless there are two thermocouples with a large temperature
differential between them, thermocouple voltages should be
much less than 200 mV.
• Place a 0.1 μF bypass capacitor close to the V
DD
pin. In
extremely noisy environments, an input filter capacitor may
be placed across D+ and D− close to the ADT7481. This
capacitance can affect the temperature measurement, so care
must be taken to ensure that any capacitance seen at D+ and
D− is a maximum of 1,000 pF. This maximum value includes
the filter capacitance, plus any cable or stray capacitance
between the pins and the sensor diode.
• If the distance to the remote sensor is more than 8 inches, the
use of twisted pair cable is recommended. A total of 6 feet to
12 feet of cable is needed.
• For really long distances (up to 100 feet), use shielded twisted
pair, such as Belden No. 8451 microphone cable. Connect the
twisted pair to D+ and D− and the shield to GND close to the
ADT7481. Leave the remote end of the shield unconnected to
avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable or filter capacitance can affect the
measurement. When using long cables, the filter capacitance
can be reduced or removed.
APPLICATION CIRCUIT
Figure 23 shows a typical application circuit for the ADT7481,
using discrete sensor transistors. The pull-ups on SCLK,
SDATA, and ALERT are required only if they are not already
provided elsewhere in the system.
The SCLK and SDATA pins of the ADT7481 can be interfaced
directly to the SMBus of an I/O controller, such as the Intel® 820
chipset.
5V OR 12V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
2N3904/06
OR
CPU THERMAL
DIODE
D1+
D1–
D2+
D2–
VDD
SCLK
SDATA
ALERT
THERM
GND
ADT7481
0.1
μF
VDD
TYP 10k
Ω
FAN ENABLE
3V TO 3.6V
TYP 10k
Ω
Figure 23. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com