Electronic Components Datasheet Search
  English  ▼

X  

SLG46867MTR Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 3Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 4Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 5Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 6Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 7Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 8Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 10Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 7 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
Tables
Table 1: Functional Pin Description............................................................................................................................................ 9
Table 2: Pin Type Definitions ...................................................................................................................................................12
Table 3: Absolute Maximum Ratings........................................................................................................................................13
Table 4: Electrostatic Discharge Ratings .................................................................................................................................13
Table 5: Recommended Operating Conditions ........................................................................................................................13
Table 6: EC at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted...............................................................14
Table 7: EC of the I2C Pins at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted ......................................16
Table 8: I2C Pins Timing Characteristics T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted......................17
Table 9: Typical Current Estimated for Each Macrocell at T = -40 °C to +85 °C .....................................................................18
Table 10: Typical Delay Estimated for Each Macrocell at T = 25 °C........................................................................................18
Table 11: Programmable Delay Expected Typical Delays and Widths at T = 25 °C................................................................21
Table 12: Typical Filter Rejection Pulse Width at T = 25 °C ....................................................................................................22
Table 13: Typical Counter/Delay Offset at T = 25 °C ...............................................................................................................22
Table 14: Oscillators Frequency Limits, VDD = 2.3 V to 5.5 V..................................................................................................22
Table 15: Oscillators Power-On Delay at T = 25 °C, OSC Power Setting: "Auto Power-On" ..................................................23
Table 16: ACMP Specifications at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted................................24
Table 17: TS Output vs Temperature (Output Range 1) ..........................................................................................................28
Table 18: TS Output vs Temperature (Output Range 2) ..........................................................................................................28
Table 19: TS Output Error (Output Range 1) ...........................................................................................................................29
Table 20: TS Output Error (Output Range 2) ...........................................................................................................................29
Table 21: Power Switch EC TA = -40 °C to +85 °C (Typical Values at TA = +25 °C), VDD = 5.5 V Unless Otherwise Noted ..30
Table 22: Matrix Input Table.....................................................................................................................................................42
Table 23: Matrix Output Table..................................................................................................................................................44
Table 24: Connection Matrix Virtual Inputs ..............................................................................................................................47
Table 25: 2-bit LUT0 Truth Table .............................................................................................................................................50
Table 26: 2-bit LUT1 Truth Table .............................................................................................................................................50
Table 27: 2-bit LUT2 Truth Table .............................................................................................................................................50
Table 28: 2-bit LUT Standard Digital Functions .......................................................................................................................50
Table 29: 2-bit LUT1 Truth Table .............................................................................................................................................53
Table 30: 2-bit LUT Standard Digital Functions .......................................................................................................................53
Table 31: 3-bit LUT0 Truth Table .............................................................................................................................................59
Table 32: 3-bit LUT1 Truth Table .............................................................................................................................................59
Table 33: 3-bit LUT2 Truth Table .............................................................................................................................................59
Table 34: 3-bit LUT3 Truth Table .............................................................................................................................................59
Table 35: 3-bit LUT4 Truth Table .............................................................................................................................................59
Table 36: 3-bit LUT5 Truth Table .............................................................................................................................................59
Table 37: 3-bit LUT6 Truth Table .............................................................................................................................................59
Table 38: 3-bit LUT7 Truth Table .............................................................................................................................................59
Table 39: 3-bit LUT8 Truth Table .............................................................................................................................................60
Table 40: 3-bit LUT Standard Digital Functions .......................................................................................................................60
Table 41: 4-bit LUT0 Truth Table .............................................................................................................................................63
Table 42: 4-bit LUT Standard Digital Functions .......................................................................................................................64
Table 43: 3-bit LUT16 Truth Table ...........................................................................................................................................67
Table 44: 3-bit LUT9 Truth Table .............................................................................................................................................76
Table 45: 3-bit LUT10 Truth Table ...........................................................................................................................................76
Table 46: 3-bit LUT11 Truth Table ...........................................................................................................................................76
Table 47: 3-bit LUT12 Truth Table ...........................................................................................................................................76
Table 48: 3-bit LUT13 Truth Table ...........................................................................................................................................76
Table 49: 3-bit LUT14 Truth Table ...........................................................................................................................................76
Table 50: 3-bit LUT15 Truth Table ...........................................................................................................................................76
Table 51: 4-bit LUT1 Truth Table .............................................................................................................................................79
Table 52: 4-bit LUT Standard Digital Functions .......................................................................................................................79
Table 53: Vref Selection Table ............................................................................................................................................... 104
Table 54: Oscillator Operation Mode Configuration Settings ................................................................................................. 108
Table 55: Read/Write Protection Options...............................................................................................................................126
Table 56: Register Map .......................................................................................................................................................... 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com