Electronic Components Datasheet Search
  English  ▼

X  

SLG46867MTR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SLG46867MTR
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867MTR Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SLG46867MTR Datasheet HTML 5Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 6Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 7Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 8Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 9Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 10Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 11Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 12Page - Renesas Technology Corp SLG46867MTR Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 209 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 3.21
Page 9 of 208
© 2023 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
Ω/2 A P-FET
2
Pinout
2.1 PIN CONFIGURATION - MSTQFN- 20L
Table 1: Functional Pin Description
MSTQFN
20L Pin #
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
1
VDD
VDD
Power Supply
--
--
ACMP0_H+
Analog Comparator 0
Positive Input
Analog
--
ACMP1_H+
Analog Comparator 1
Positive Input
Analog
--
ACMP2_L+
Analog Comparator 2
Positive Input
Analog
--
ACMP3_L+
Analog Comparator 3
Positive Input
Analog
--
Pin #
Pin Name
Pin Functions
1
VDD
Power Supply
2
GPI0
GPI, SLA_0
3
GPIO0
GPIO, SCL
4
GPIO1
GPIO, SDA
5
GPIO2
GPIO with OE, EXT_Vref0, SLA_1
6
VIN0
P-FET Power Switch Input
7
VOUT0
P-FET Power Switch Output
8
NC
No Connect
9
AGND
P-FET Power Switch Ground
10
VOUT1
P-FET Power Switch Output
11
VIN1
P-FET Power Switch Input
12
GND
Ground
13
GPIO4
GPIO with OE, ACMP0H+, SLA_2
14
GPIO5
GPIO with OE, ACMP1H+, SLA_3
15
GPIO6
GPIO with OE, ACMP2L+
16
GPIO7
GPIO with OE, ACMP3L+
17
GPIO8
GPIO with OE, Vref0_OUT, TS_OUT
18
GPIO9
GPIO with OE, Vref1_OUT
19
GPIO3
PWR_SW_ON0
GPIO with OE, P-FET Power Switch On
20
GPO0
PWR_SW_ON1
GPO, P-FET Power Switch On
OE: Output Enable
ACMPx+: ACMPx Positive Input
ACMPx-: ACMPx Negative Input
SCL: I2C Clock Input
SDA: I2C Data Input/Output
Vrefx: Voltage Reference Output
EXT_CLKx: External Clock Input
SLA: Slave Address
TS_OUT: Temperature Output
Legend:
MSTQFN-20
(Top View)
VIN1
GND
GPIO4
VIN0
GPIO2
14
GPIO1
GPIO0
3
VOUT1
8
9
18
17
GPIO8
GPIO9
VOUT0
GPIO5
4
5
6
7
13
12
11
10
19
20
GPO0
GPIO3
19
20
1
2
16
15
GPIO6
GPIO7
GPI0
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com