Electronic Components Datasheet Search
  English  ▼

X  

ADP3198 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3198 Datasheet(HTML) 5 Page - Analog Devices

  ADP3198 Datasheet HTML 1Page - Analog Devices ADP3198 Datasheet HTML 2Page - Analog Devices ADP3198 Datasheet HTML 3Page - Analog Devices ADP3198 Datasheet HTML 4Page - Analog Devices ADP3198 Datasheet HTML 5Page - Analog Devices ADP3198 Datasheet HTML 6Page - Analog Devices ADP3198 Datasheet HTML 7Page - Analog Devices ADP3198 Datasheet HTML 8Page - Analog Devices ADP3198 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP3198
Rev. A | Page 5 of 32
TEST CIRCUITS
EN
PWRGD
FBRTN
FB
COMP
SS
DELAY
VRFAN
VRHOT
TTSENSE
PWM1
PWM2
PWM3
PWM4
NC
SW1
SW2
SW3
SW4
NC
8-BIT CODE
10nF
1µF
10nF
100nF
20kΩ
100kΩ
250kΩ
1kΩ
100nF
ADP3198
40
1
1.25V
+
680Ω
680Ω
12V
NC = NO CONNECT
Figure 2. Closed-Loop Output Voltage Accuracy
CSSUM
17
CSCOMP
16
31
VCC
CSREF
15
GND
18
39kΩ
680Ω
680Ω
100nF
1kΩ
1V
ADP3198
VOS =
CSCOMP – 1V
40
12V
Figure 3. Current Sense Amplifier VOS
31
VCC
10kΩ
ΔV
1V
ADP3198
680Ω
680Ω
12V
ΔVFB =FBΔV =80mV – FBΔV =0mV
+
–
4
COMP
3
FB
14
LLSET
15
CSREF
18
GND
VID
DAC
Figure 4. Positioning Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com