Electronic Components Datasheet Search
  English  ▼

X  

2362 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2362
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2362 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2362 Datasheet HTML 1Page - Renesas Technology Corp 2362 Datasheet HTML 2Page - Renesas Technology Corp 2362 Datasheet HTML 3Page - Renesas Technology Corp 2362 Datasheet HTML 4Page - Renesas Technology Corp 2362 Datasheet HTML 5Page - Renesas Technology Corp 2362 Datasheet HTML 6Page - Renesas Technology Corp 2362 Datasheet HTML 7Page - Renesas Technology Corp 2362 Datasheet HTML 8Page - Renesas Technology Corp 2362 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK2361, 2362
SWITCHING
N-CHANNEL POWER MOS FET
Document No. D11394EJ3V0DS00 (3rd edition)
Previous No. TC-2502
Date Published November 2006 N CP(K)
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an “<R>” in the PDF file and specifying it in the “Find what:” field.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
DESCRIPTION
These products are N-Channel MOS Field Effect Transistors designed for high voltage switching applications.
FEATURES
•
Low on-state resistance
2SK2361: RDS (on) = 0.9
Ω MAX. (VGS = 10 V, ID = 5.0 A)
2SK2362: RDS (on) = 1.0
Ω MAX. (VGS = 10 V, ID = 5.0 A)
•
Low input capacitance
Ciss = 1050 pF TYP.
•
High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V) (2SK2361/2362)
VDSS
450/500
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC)
ID (DC)
±10
A
Drain Current (pulse)*
ID (pulse)
±40
A
Total Power Dissipation (Tc = 25
°C)
PT1
100
W
Total Power Dissipation (TA = 25
°C)
PT2
3.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150 °C
Single Avalanche Current**
IAS
10
A
Single Avalanche Energy**
EAS
142
mJ
* PW
≤ 10 µs, Duty Cycle ≤ 1 %
** Starting Tch = 25
°C, RG = 25 Ω, VGS = 20 V → 0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com