Electronic Components Datasheet Search
  English  ▼

X  

2362 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2362
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2362 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2362 Datasheet HTML 2Page - Renesas Technology Corp 2362 Datasheet HTML 3Page - Renesas Technology Corp 2362 Datasheet HTML 4Page - Renesas Technology Corp 2362 Datasheet HTML 5Page - Renesas Technology Corp 2362 Datasheet HTML 6Page - Renesas Technology Corp 2362 Datasheet HTML 7Page - Renesas Technology Corp 2362 Datasheet HTML 8Page - Renesas Technology Corp 2362 Datasheet HTML 9Page - Renesas Technology Corp 2362 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D11394EJ3V0DS
4
2SK2361, 2362
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
1 000
100
10
1
0.1
0.01
0.001
10 u
100 u
1 m
10 m
100 m
1
10
100
1 000
TC = 25 ˚C
Single Pulse
Rth (ch-a) = 41.7 ˚C/W
Rth (ch-c) = 1.25 ˚C/W
VDS = 10 V
Pulsed
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1.0
10
100
100
ID - Drain Current - A
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
10
20
30
1.5
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUTOFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1.0
10
100
3.0
ID - Drain Current - A
Pulsed
ID = 6 A
3 A
1.5 A
–50
0
50
100
150
4.0
3.0
2.0
1.0
0
10
0.1
1.0
1.0
0.5
0
1.0
2.0
0
Pulsed
VDS = 10 V
ID = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com