Electronic Components Datasheet Search
  English  ▼

X  

2362 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2362
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2362 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2362 Datasheet HTML 1Page - Renesas Technology Corp 2362 Datasheet HTML 2Page - Renesas Technology Corp 2362 Datasheet HTML 3Page - Renesas Technology Corp 2362 Datasheet HTML 4Page - Renesas Technology Corp 2362 Datasheet HTML 5Page - Renesas Technology Corp 2362 Datasheet HTML 6Page - Renesas Technology Corp 2362 Datasheet HTML 7Page - Renesas Technology Corp 2362 Datasheet HTML 8Page - Renesas Technology Corp 2362 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D11394EJ3V0DS
2
2SK2361, 2362
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain to Source On-Resistance
RDS (on)
0.7
0.9
Ω
VGS = 10 V
2SK2361
0.8
1.0
Ω
ID = 5.0 A
2SK2362
Gate to Source Cutoff Voltage
VGS (off)
2.5
3.5
V
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
3.0
S
VDS = 10 V, ID = 5.0 A
Drain Leakage Current
IDSS
100
µA
VDS = VDSS, VGS = 0
Gate to Source Leakage Current
IGSS
±100
nA
VGS =
±30 V, VDS = 0
Input Capacitance
Ciss
1050
pF
VDS = 10 V
Output Capacitance
Coss
200
pF
VGS = 0
Reverse Transfer Capacitance
Crss
26
pF
f = 1 MHz
Turn-On Delay Time
td (on)
15
ns
ID = 5.0 A
Rise Time
tr
24
ns
VGS = 10 V
Turn-Off Delay Time
td (off)
50
ns
VDD = 150 V
Fall Time
tf
14
ns
RG = 10
Ω RL = 30 Ω
Total Gate Charge
QG
26
nC
ID = 10 A
Gate to Source Charge
QGS
6.1
nC
VDD = 400 V
Gate to Drain Charge
QGD
12
nC
VGS = 10 V
Body Diode Forward Voltage
VF (S-D)
1.0
V
IF = 10 A, VGS = 0
Reverse Recovery Time
trr
350
ns
IF = 10 A, VGS = 0
Reverse Recovery Charge
Qrr
2.0
µC
di/dt = 50 A/
µs
Test Circuit 3 Gate Charge
VGS = 20 - 0 V
PG
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
Test Circuit 1 Avalanche Capability
PG.
RG = 10
Ω
D.U.T.
RL
VDD
Test Circuit 2 Switching Time
RG
PG.
IG = 2 mA
50 Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
t = 1 us
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com