Electronic Components Datasheet Search
  English  ▼

X  

2362 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2362
Description  MOS FIELD EFFECT TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2362 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2362 Datasheet HTML 2Page - Renesas Technology Corp 2362 Datasheet HTML 3Page - Renesas Technology Corp 2362 Datasheet HTML 4Page - Renesas Technology Corp 2362 Datasheet HTML 5Page - Renesas Technology Corp 2362 Datasheet HTML 6Page - Renesas Technology Corp 2362 Datasheet HTML 7Page - Renesas Technology Corp 2362 Datasheet HTML 8Page - Renesas Technology Corp 2362 Datasheet HTML 9Page - Renesas Technology Corp 2362 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D11394EJ3V0DS
5
2SK2361, 2362
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Qg - Gate Charge - nC
0
10203040
400
300
200
100
Tch - Channel Temperature -˚C
–50
0
50
100
150
1.6
1.2
0.8
0.4
0
VGS = 10 V
ID = 6 A
3 A
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
1.0
10
100
ID - Drain Current - A
1 000
0.1
100
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
ID = 10 A
VDD = 400 V
250 V
125 V
VGS
VDS
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
1.5
100
10
1.0
0.1
1.0
0.5
0
Pulsed
10 V
VGS = 0
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
10
100
1 000
10 000
VDS - Drain to Source Voltage - V
1 000
100
10
1
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
1.0
10
100
1 000
ID - Drain Current - A
100
0.1
10
1.0
VDS = 150 V
VGS = 10 V
RG = 10
Ω
SWITCHING CHARACTERISTICS
tr
tf
td(on)
td(off)
di/dt = 50 A/us
VGS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com