Electronic Components Datasheet Search
  English  ▼

X  

BF545C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 5 Page - NXP Semiconductors

  BF545C Datasheet HTML 1Page - NXP Semiconductors BF545C Datasheet HTML 2Page - NXP Semiconductors BF545C Datasheet HTML 3Page - NXP Semiconductors BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 Jul 29
5
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
DYNAMIC CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
Cis
input capacitance
VDS =15V; VGS = −10 V; f = 1 MHz
1.7
pF
VDS =15V; VGS = 0; f = 1 MHz
3
pF
Crs
reverse transfer capacitance
VDS =15V; VGS = −10 V; f = 1 MHz
0.8
pF
VDS =15V; VGS = 0; f = 1 MHz
0.9
pF
gis
common source input conductance VDS =10V; ID = 1 mA; f = 100 MHz
15
µS
VDS =10V; ID = 1 mA; f = 450 MHz
300
µS
gfs
common source transfer
conductance
VDS =10V; ID = 1 mA; f = 100 MHz
2
mS
VDS =10V; ID = 1 mA; f = 450 MHz
1.8
mS
grs
common source reverse
conductance
VDS =10V; ID = 1 mA; f = 100 MHz
−6
µS
VDS =10V; ID = 1 mA; f = 450 MHz
−40
µS
gos
common source output
conductance
VDS =10V; ID = 1 mA; f = 100 MHz
30
µS
VDS =10V; ID = 1 mA; f = 450 MHz
60
µS
Fig.3
Drain current as a function of gate-source
cut-off voltage; typical values.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
0
30
20
10
0
−2
−4
−8
−6
MBB467
IDSS
(mA)
VGSoff (V)
Fig.4
Forward transfer admittance as a
function of gate-source cut-off voltage;
typical values.
VDS = 15 V; VGS = 0; Tj =25 °C.
handbook, halfpage
0
6
5
4
−2
−4
−8
MBB466
−6
VGSoff (V)
Yfs
(mS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com