Electronic Components Datasheet Search
  English  ▼

X  

BF545C Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors BF545C Datasheet HTML 10Page - NXP Semiconductors BF545C Datasheet HTML 11Page - NXP Semiconductors BF545C Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1996 Jul 29
10
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
Fig.21 Common-source forward transfer
admittance; typical values.
handbook, halfpage
MBB469
102
103
10
10 2
10
10–1
1
f (MHz)
Yfs
(mS)
fs
g
–bfs
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
Fig.22 Common-source reverse transfer
admittance; typical values.
handbook, halfpage
10
1
10−1
10−2
10−3
MBB470
10
102
103
yrs
(mS)
f (MHz)
−brs
−grs
VDS = 10 V; ID = 1 mA; Tamb =25 °C.
Fig.23 Common-source output admittance;
typical values.
handbook, halfpage
10
1
10−1
10−2
MBB471
10
102
103
yos
(mS)
f (MHz)
bos
gos
VDS = 10 V; ID = 1 mA; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com