Electronic Components Datasheet Search
  English  ▼

X  

BF545C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 3 Page - NXP Semiconductors

  BF545C Datasheet HTML 1Page - NXP Semiconductors BF545C Datasheet HTML 2Page - NXP Semiconductors BF545C Datasheet HTML 3Page - NXP Semiconductors BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 Jul 29
3
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board, maximum lead length 4 mm; mounting pad for the drain
lead 10 mm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±30
V
VGSO
gate-source voltage
open drain
−−30
V
VGDO
gate-drain voltage (DC)
open source
−−30
V
IG
forward gate current (DC)
−
10
mA
Ptot
total power dissipation
up to Tamb =25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
150
°C
Tj
operating junction temperature
−
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
150
MBB688
Ptot
(mW)
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com