Electronic Components Datasheet Search
  English  ▼

X  

BF545C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF545C
Description  N-channel silicon junction field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF545C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF545C Datasheet HTML 2Page - NXP Semiconductors BF545C Datasheet HTML 3Page - NXP Semiconductors BF545C Datasheet HTML 4Page - NXP Semiconductors BF545C Datasheet HTML 5Page - NXP Semiconductors BF545C Datasheet HTML 6Page - NXP Semiconductors BF545C Datasheet HTML 7Page - NXP Semiconductors BF545C Datasheet HTML 8Page - NXP Semiconductors BF545C Datasheet HTML 9Page - NXP Semiconductors BF545C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 Jul 29
6
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF545A; BF545B; BF545C
Fig.5
Common-source output admittance as a
function of gate-source cut-off voltage;
typical values.
handbook, halfpage
0
80
40
0
−2
−4
−8
−6
MBB465
Yos
(
µS)
VGSoff (V)
VDS = 15 V; VGS = 0; Tj =25 °C.
Fig.6
Drain-source on-resistance as a
function of gate-source cut-off voltage;
typical values.
VDS = 100 mV; VGS = 0; Tj =25 °C.
handbook, halfpage
0
300
200
100
0
−2
−4
−8
−6
MBB464
RDSon
(
Ω)
VGSoff (V)
Fig.7 Typical output characteristics; BF545A.
Tj =25 °C.
handbook, halfpage
0
6
4
2
0
16
48
12
MBB462
ID
(mA)
VDS (V)
−0.5 V
VGS = 0 V
−1.0 V
Fig.8 Typical input characteristics; BF545A.
VDS = 15 V; Tj =25 °C.
handbook, halfpage
4
2
0
6
MBB463
−3
−2
−10
ID
(mA)
VGS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com