Electronic Components Datasheet Search
  English  ▼

X  

AD7747 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7747 Datasheet HTML 3Page - Analog Devices AD7747 Datasheet HTML 4Page - Analog Devices AD7747 Datasheet HTML 5Page - Analog Devices AD7747 Datasheet HTML 6Page - Analog Devices AD7747 Datasheet HTML 7Page - Analog Devices AD7747 Datasheet HTML 8Page - Analog Devices AD7747 Datasheet HTML 9Page - Analog Devices AD7747 Datasheet HTML 10Page - Analog Devices AD7747 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
AD7747
Rev. PrC| Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD7747
CIN1(+)
SCL
RDY
SHLD
TST
CIN1(
-)
REFIN(
-)
REFIN(+)
NC
SDA
NC
VDD
GND
NC
VIN(+)
VIN(
-)
Figure 3. AD7747 Pin Configuration (16-Lead TSSOP)
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
SCL
Serial Interface Clock Input. Connects to the master clock line. Requires pull-up resistor if not already provided in
the system.
2
RDY
Logic Output. A falling edge on this output indicates that a conversion on enabled channel(s) has been finished
and the new data is available. Alternatively, the status register can be read via the 2-wire serial interface and the
relevant bit(s) decoded to query the finished conversion. If not used, this pin should be left as an open circuit.
3
SHLD
Capacitive input active AC shielding. To eliminate the CIN parasitic capacitance to ground, the SHLD signal can be
used to for shielding the connection between the sensor and CIN. See the max allowed capacitance. If not used,
this pin should be left as an open circuit.
4
TST
This pin must be left as an open circuit for proper operation.
5, 6
REFIN(+),
REFIN(–)
Differential Voltage Reference Input for the Voltage Channel (ADC). Alternatively, the on-chip internal reference can
be used for the voltage channel. These reference input pins are not used for conversion on capacitive channel(s)
(CDC). If not used, these pins can be left as an open circuit or connected to GND.
7
CIN1(–)
CDC Negative Capacitive Input in Differential Mode. This pin is internally disconnected in single-ended CDC
configuration. If not used, this pin should be left as an open circuit.
8
CIN1(+)
CDC capacitive input (in single ended mode) or positive capacitive input (in differential mode). The measured
capacitance is connected between one of the CIN pins and GND. If not used, this pin should be left as an open
circuit.
9, 10
NC
Not Connected. These pins should be left as an open circuit.
11,
12
VIN(+), VIN(–)
Differential Voltage Input for the Voltage Channel (ADC). These pins are also used to connect an external
temperature sensing diode. If not used, these pins can be left as an open circuit or connected to GND.
13
GND
Ground Pin.
14
VDD
Power Supply Voltage. This pin should be decoupled to GND, using a low impedance capacitor, for example in
combination with a 10 µF tantalum and a 0.1 µF multilayer ceramic.
15
NC
Not Connected. This pin should be left as an open circuit.
16
SDA
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up resistor if not provided
elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com