Electronic Components Datasheet Search
  English  ▼

X  

AD7747 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7747 Datasheet HTML 12Page - Analog Devices AD7747 Datasheet HTML 13Page - Analog Devices AD7747 Datasheet HTML 14Page - Analog Devices AD7747 Datasheet HTML 15Page - Analog Devices AD7747 Datasheet HTML 16Page - Analog Devices AD7747 Datasheet HTML 17Page - Analog Devices AD7747 Datasheet HTML 18Page - Analog Devices AD7747 Datasheet HTML 19Page - Analog Devices AD7747 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary Technical Data
AD7747
Rev. PrC| Page 17 of 20
CAP DAC A REGISTER
Address Pointer 0x0B, Default Value 0x00
Capacitive DAC setup.
Table 19. Cap DAC A Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACAENA
-
DACA—6-Bit Value
Default
0
0
0x00
Table 20.
Bit
Mnemonic
Description
7
DACAENA
DACAENA = 1 connects capacitive DACA to the positive capacitance input.
6
-
This bit must be 0 for proper operation.
5-1
DACA
DACA value, Code 0x00
≈ 0 pF, Code 0x3F ≈ full range.
CAP DAC B REGISTER
Address Pointer 0x0C, Default Value 0x00
Capacitive DAC setup.
Table 21. Cap DAC B Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACAENB
-
DACB—6-Bit Value
Default
0
0
0x00
Table 22.
Bit
Mnemonic
Description
7
DACBENB
DACBENB = 1 connects capacitive DACB to the negative capacitance input.
6
-
This bit must be 0 for proper operation.
5-1
DACB
DACB value, Code 0x00
≈ 0 pF, Code 0x3F ≈ full range.
CAP OFFSET CALIBRATION REGISTER
16 Bits, Address Pointer 0x0D, 0x0E,
Default Value 0x8000
The capacitive offset calibration register holds the capacitive
channel zero-scale calibration coefficient. The coefficient is
used to digitally remove the capacitive channel offset. The
register value is updated automatically following the execution
of a capacitance offset calibration. The capacitive offset calibra-
tion resolution (cap offset register LSB) is less than TBD aF; the
full range is TBD pF.
CAP GAIN CALIBRATION REGISTER
16 Bits, Address Pointer 0x0F, 0x10,
Default Value 0xXXXX
Capacitive gain calibration register. The register holds the
capacitive channel full-scale factory calibration coefficient.
VOLT GAIN CALIBRATION REGISTER
16 Bits, Address Pointer 0x11,0x12,
Default Value 0xXXXX
Voltage gain calibration register. The register holds the voltage
channel full-scale factory calibration coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com