Electronic Components Datasheet Search
  English  ▼

X  

AD7747 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7747 Datasheet HTML 5Page - Analog Devices AD7747 Datasheet HTML 6Page - Analog Devices AD7747 Datasheet HTML 7Page - Analog Devices AD7747 Datasheet HTML 8Page - Analog Devices AD7747 Datasheet HTML 9Page - Analog Devices AD7747 Datasheet HTML 10Page - Analog Devices AD7747 Datasheet HTML 11Page - Analog Devices AD7747 Datasheet HTML 12Page - Analog Devices AD7747 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
AD7747
Rev. PrC| Page 9 of 20
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
The AD7747 resolution is limited by noise. The noise
performance varies with the selected conversion time.
Table 5 shows typical noise performance and resolution for the
capacitive channel. These numbers were generated from 1000
data samples acquired in continuous conversion mode, at an
excitation of 16 kHz, ±VDD/2, and with all CIN and EXC pins
connected only to the evaluation board (no external capacitors.)
Table 6 and Table 7 show typical noise performance and
resolution for the voltage channel. These numbers were
generated from 1000 data samples acquired in continuous
conversion mode with VIN pins shorted to ground.
RMS noise represents the standard deviation and p-p noise
represents the difference between minimum and maximum
results in the data. Effective resolution is calculated from rms
noise, and p-p resolution is calculated from p-p noise.
Table 5. Typical Capacitive Input Noise and Resolution vs. Conversion Time
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(aF/√Hz)
RMS
Noise (aF)
P-P
Noise (aF)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
22.0
45.5
23.9
41.9
TBD
TBD
TBD
TBD
TBD
TBD
40.0
25.0
76.0
13.2
124.0
8.1
6.9
15
40
250
18.5
16.0
154.0
6.5
184.0
5.4
219.3
4.6
Table 6. Typical Voltage Input Noise and Resolution vs. Conversion Time, Internal Voltage Reference
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(µV)
P-P Noise
(µV)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
20.1
49.8
26.4
11.4
62
17.6
15.2
32.1
31.2
15.9
7.1
42
18.3
15.7
62.1
16.1
8.0
4.0
28
19.1
16.3
122.1
8.2
4.0
3.0
20
19.5
16.8
Table 7. Typical Voltage Input Noise and Resolution vs. Conversion Time, External 2.5 V Voltage Reference
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(µV)
P-P Noise
(µV)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
20.1
49.8
26.4
14.9
95
18.3
15.6
32.1
31.2
15.9
6.3
42
19.6
16.8
62.1
16.1
8.0
3.3
22
20.5
17.7
122.1
8.2
4.0
2.1
15
21.1
18.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com