Electronic Components Datasheet Search
  English  ▼

X  

AD7747 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 1 Page - Analog Devices

  AD7747 Datasheet HTML 1Page - Analog Devices AD7747 Datasheet HTML 2Page - Analog Devices AD7747 Datasheet HTML 3Page - Analog Devices AD7747 Datasheet HTML 4Page - Analog Devices AD7747 Datasheet HTML 5Page - Analog Devices AD7747 Datasheet HTML 6Page - Analog Devices AD7747 Datasheet HTML 7Page - Analog Devices AD7747 Datasheet HTML 8Page - Analog Devices AD7747 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
24-Bit Capacitance-to-Digital Converter
with Temperature Sensor
Preliminary Technical Data
AD7747
Rev. PrC, 28. July 2006
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Capacitance-to-digital converter
New standard in single chip solutions
Interfaces to single or differential grounded sensors
Resolution down to 40 aF (that is, up to 18.5-bit ENOB)
Accuracy: 8 fF
Linearity: 0.01%
Common-mode (not changing) capacitance up to 17 pF
Full scale (changing) capacitance range ±8 pF
Update rate: 5 Hz to 45 Hz
Simultaneous 50 Hz and 60 Hz rejection at 8.1 Hz update
Active shield for shielding sensor connection
Temperature sensor on-chip
Resolution: 0.1°C, accuracy: ±2°C
Voltage input channel
Internal clock oscillator
2-wire serial interface (I2C
®-compatible)
Power
2.7 V to 5.25 V single-supply operation
1 mA current consumption
Operating temperature: –40°C to +125°C
16-lead TSSOP package
APPLICATIONS
Automotive, industrial, and medical systems for
Pressure measurement
Position sensing
Proximity sensing
Level sensing
Flowmeters
Impurity detection
GENERAL DESCRIPTION
The AD7747 is a high-resolution, Σ−∆ capacitance-to-digital
converter (CDC). The capacitance to be measured is connected
directly to the device inputs. The architecture features inherent
high resolution (24-bit no missing codes, up to 18 bit effective
resolution), high linearity (±0.01%), and high accuracy (±8 fF
factory calibrated). The AD7747 capacitance input range is
±8 pF (changing), while it can accept up to 17 pF common-
mode capacitance (not changing), which can be balanced by a
programmable on-chip digital-to-capacitance converter
(CAPDAC).
The AD7747 is designed for single ended or differential
capacitive sensors with one plate connected to ground.
For floating (not grounded) capacitive sensors, the AD7745 or
AD7746 are recommended.
The part has an on-chip temperature sensor with a resolution of
0.1°C and accuracy of ±2°C. The on-chip voltage reference and
the on-chip clock generator eliminate the need for any external
components in capacitive sensor applications. The part has a
standard voltage input, which together with the differential
reference input allows easy interface to an external temperature
sensor, such as an RTD, thermistor, or diode.
The AD7747 has a 2-wire, I2C-compatible serial interface. The
part can operate with a single power supply 2.7 V to 5.25 V.
It is specified over the automotive temperature range of
–40°C to +125°C and are housed in a 16-lead TSSOP package.
FUNCTIONAL BLOCK DIAGRAMS
SCL
SDA
CLOCK
GENERATOR
TEMP
SENSOR
MUX
DIGITAL
FILTER
VDD
I2C
SERIAL
INTERFACE
CAP DAC 1
EXCITATION
AD7747
CIN1(+)
VIN(+)
VIN(-)
GND
24-BIT
Σ-∆
MODULATOR
CAP DAC 2
SHLD
CIN1(-)
REFIN(+)
REFIN(-)
CONTROL LOGIC
CALIBRATION
RDY
VOLTAGE
REFERENCE
Figure 1.


Similar Part No. - AD7747

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7747 AD-AD7747 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
AD7747ARUZ-REEL AD-AD7747ARUZ-REEL Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
AD7747ARUZ-REEL7 AD-AD7747ARUZ-REEL7 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
More results

Similar Description - AD7747

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745 Datasheet
779Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
4/05-Revision 0
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
12-Bit Capacitance-to-Digital Converter
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com