Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
_______________________________________________________________________________________
7
REVERSE GAIN vs. RF FREQUENCY
ADJUSTING ATTEN A AND B
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-80
-70
-60
-50
-40
-30
ATTEN A AND B, 0dB
ATTEN A, 31dB
ATTEN B, 31dB
MIXER CONV LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
14
15
16
17
18
19
20
TC = +5
°C
TC = -40
°C
TC = +85
°C
TC = +25
°C
MIXER CONV LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
14
15
16
17
18
19
20
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
MIXER CONV LOSS vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
14
15
16
17
18
19
20
PLO = 0dBm
PLO = -3dBm
PLO = -6dBm
MIXER OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
7
8
9
10
11
12
13
TC = +85
°C
TC = +5
°C
TC = +25
°C
TC = -40
°C
MIXER OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
7
8
9
10
11
12
13
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
MIXER OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
7
8
9
10
11
12
13
PLO = -6dBm
PLO = 0dBm
PLO = -3dBm, 0dBm
MIXER OUTPUT RETURN LOSS
vs. RF FREQUENCY (MIXER ENABLED)
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
0
10
20
30
40
TC = +85
°C
TC = +25
°C
TC = +5
°C
TC = -40
°C
MIXER OUTPUT RETURN LOSS
vs. RF FREQUENCY (MIXER ENABLED)
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
0
10
20
30
40
VCC = 4.75V, 5.0V, 5.25V
Typical Operating Characteristics (continued)
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, digital attenuators set for maximum gain, 700MHz ≤ fRF ≤ 1200MHz,
40MHz ≤ fLO ≤ 100MHz, TC = -40°C to +85°C. Typical values are at VCC = 5.0V, PIN = 0dBm, fRF = 940MHz, fLO = 45MHz, fLBOUT =
fRF - fLO, and TC = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com