Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products MAX2021 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
14
______________________________________________________________________________________
MAX2058
30
29
28
27
26
36
35
34
33
32
31
R1
GND
GND
GND
GND
GND
AMPOUT
R2
C19
C17
C18
C1
C2
C3
VCC
VCC
VCC
C7
C8
RF INPUT
40
39
38
37
15
16
17
18
19
20
11
12
13
14
25
23
21
24
22
5
4
3
2
9
8
10
7
6
1
R3
T1
R4
LO+
LO-
VCCLB
VCCLOGIC
DRIVER AMP
VCCBIAS2
LBOUT
LB_EN
DATA
CLK
CS
GND
5-BIT ATTENUATOR
B
SPI
E.P.
5-BIT ATTENUATOR
A
LO INPUT
LBOUT
RF OUTPUT
C4
C5
C6
VCC
C10
C11
C14
C9
VCC
VCCAMP
AMPIN
VCCBIAS1
C13
C12
VCC
C16
C15
Typical Application Circuit
Direct-Conversion Base-Station
Transmitter
The MAX2058/MAX2059 are designed to interface
directly with Maxim’s direct-conversion quadrature
modulators and high-speed DACs to provide a com-
plete solution for GSM/EDGE base-station transmitter
applications. See Figure 2. The MAX2058/MAX2059,
together with the MAX2021/MAX2022/MAX2023* direct-
conversion modulators/demodulators, the MAX5873
dual-channel DAC, and the MAX4395 quad amplifier,
form an ideal total transmitter lineup. This overall sys-
tem is highly efficient and low cost, while maintaining
high linearity and low noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com