Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
_______________________________________________________________________________________
5
GAIN vs. RF FREQUENCY
(MAXIMUM GAIN)
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
6
7
8
9
10
11
12
13
TC = +25
°C
TC = +5
°C
TC = +85
°C
TC = -40
°C
GAIN vs. RF FREQUENCY
(MAXIMUM GAIN)
RF FREQUENCY (MHz)
6
8
7
10
9
12
11
13
700
900
800
1000
1100
1200
VCC = 4.75V
VCC = 5.0V
VCC = 5.25V
GAIN vs. RF FREQUENCY
ADJUSTING ATTEN A
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-25
-15
-5
5
15
ATTEN A ABS ACCURACY vs. RF FREQUENCY
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-1.0
-0.5
0
0.5
1.0
ATTEN A REL ACCURACY vs. RF FREQUENCY
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-1.0
-0.5
0
0.5
1.0
GAIN vs. RF FREQUENCY
ADJUSTING ATTEN B
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-25
-15
-5
5
15
ATTEN B ABS ACCURACY vs. RF FREQUENCY
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-1.0
-0.5
0
0.5
1.0
ATTEN B REL ACCURACY vs. RF FREQUENCY
RF FREQUENCY (MHz)
700
800
900
1000
1100
1200
-1.0
-0.5
0
0.5
1.0
OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
800
850
900
950
1000
29
30
31
32
33
34
TC = +85
°C
TC = +5
°C
TC = +25
°C
TC = -40
°C
Typical Operating Characteristics
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, digital attenuators set for maximum gain, 700MHz ≤ fRF ≤ 1200MHz,
40MHz ≤ fLO ≤ 100MHz, TC = -40°C to +85°C. Typical values are at VCC = 5.0V, PIN = 0dBm, fRF = 940MHz, fLO = 45MHz, fLBOUT =
fRF - fLO, and TC = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com