Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2021
Description  700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
700MHz to 1200MHz High-Linearity,
SPI-Controlled DVGA with Integrated Loopback Mixer
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2058
Typical Application Circuit, VCC = +4.75V to +5.25V, digital attenuators set for maximum gain, 700MHz ≤ fRF ≤ 1200MHz,
40MHz ≤ fLO ≤ 100MHz, TC = -40°C to +85°C. Typical values are at VCC = 5.0V, PIN = 0dBm, fRF = 940MHz, PLO = -6dBm, fLO =
45MHz, fLBOUT = fRF - fLO, and TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOOPBACK MIXER
LO Frequency (Note 2)
fLO
40
100
MHz
LO Input Power
PLO
-6
0
dBm
Output Power (Note 6)
PIN = +5dBm, fRF = 940MHz, TC = +25°C
-14.7
-12.7
-10.8
dBm
800MHz to 900MHz
±1.7
Gain Accuracy
PIN = +5dBm, TC
= -40°C to +25°C
900MHz to 1000MHz
±1.7
dB
Output Third-Order Intercept
Point (Note 6)
OIP3
Two tones: fRF1 = 940MHz, fRF2 = 940.2MHz,
PIN1 = PIN2 = +2dBm, TC = +25°C
10.6
dBm
Output Noise Floor
PIN = +5dBm
-137
dBc/Hz
LB_EN enable time
0.12
ON/OFF Switching Time
LB_EN disable time
0.12
µs
LBOUT to ATTEN_OUTB Isolation
Mixer enabled, attenuators A and B both set
to 31dB, PIN = +5dBm
67
dB
ATTEN_OUTB to LBOUT Isolation
Mixer disabled, PIN = 0dBm
50
dB
Mixer enabled, 50
Ω load
22
Output Return Loss
Mixer disabled, 50
Ω load
23
dB
LO Port Return Loss
50
Ω source
32
dB
SERIAL PERIPHERAL INTERFACE (SPI)
Maximum Clock Speed
38
MHz
Data to Clock Setup Time
tCS
1ns
Data to Clock Hold Time
tCH
9ns
Clock to
CS Setup Time
tES
4ns
CS Positive Pulse Width
tEW
18
ns
CS Negative Pulse Width
tEWN
24
ns
CLOCK Pulse Width
tCW
13
ns
Note 1: All limits include external component losses. Output measurements taken at RFOUT or LBOUT ports of the
Typical
Application Circuit.
Note 2: Operating outside this range is possible, but with degraded performance of some parameters.
Note 3: Compression point characterized. It is advisable not to continuously operate the VGA RF input above +15dBm.
Note 4: Input RF source contribution to spurious emissions (Agilent ESG 4435B, PSA E4443A): 200kHz = -39.2dBc,
400kHz = -73.5dBc, 600kHz = -83.2dBc, 1.2MHz = -85.7dBc
Note 5: No SPI clock input applied.
Note 6: Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com