Electronic Components Datasheet Search
  English  ▼

X  

BF901 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF901
Description  Silicon n-channel dual gate MOS-FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF901 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF901 Datasheet HTML 1Page - NXP Semiconductors BF901 Datasheet HTML 2Page - NXP Semiconductors BF901 Datasheet HTML 3Page - NXP Semiconductors BF901 Datasheet HTML 4Page - NXP Semiconductors BF901 Datasheet HTML 5Page - NXP Semiconductors BF901 Datasheet HTML 6Page - NXP Semiconductors BF901 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
November 1992
5
Philips Semiconductors
Product specification
Silicon n-channel dual gate MOS-FETs
BF901; BF901R
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.55
0.25
0.45
0.25
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143R
97-03-10
0
1
2 mm
scale
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
1
2
4
3
b1
bp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com