Electronic Components Datasheet Search
  English  ▼

X  

BF901 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF901
Description  Silicon n-channel dual gate MOS-FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF901 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF901 Datasheet HTML 1Page - NXP Semiconductors BF901 Datasheet HTML 2Page - NXP Semiconductors BF901 Datasheet HTML 3Page - NXP Semiconductors BF901 Datasheet HTML 4Page - NXP Semiconductors BF901 Datasheet HTML 5Page - NXP Semiconductors BF901 Datasheet HTML 6Page - NXP Semiconductors BF901 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
November 1992
2
Philips Semiconductors
Product specification
Silicon n-channel dual gate MOS-FETs
BF901; BF901R
FEATURES
• Intended for low voltage operation
• Short channel transistor with high
ratio
 Yfs :Cis
• Low noise gain-controlled amplifier
to 1 GHz
• BF901R has reverse pinning.
DESCRIPTION
Enhancement type field-effect
transistors in plastic microminiature
SOT143 and SOT143R envelopes,
with source and substrate
interconnected. They are intended for
UHF and VHF applications, such as
television tuners and professional
communications equipment
especially suited for low voltage
operation. These MOS-FET tetrodes
are protected against excessive input
voltage surges by integrated
back-to-back diodes between gates
and source.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VDS
drain-source voltage
−
12
V
ID
drain current
−
30
mA
Ptot
total power dissipation
−
200
mW
Tj
junction temperature
−
150
°C
 Y
fs
transfer admittance
28
35
mS
Cig1-s
input capacitance at gate 1
2.35
2.75
pF
Crs
feedback capacitance
25
−
fF
F
noise figure at 800 MHz
1.7
−
dB
Fig.1 Simplified outline (SOT143) and symbol.
Marking code: MO1.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
MAM039
Fig.2 Simplified outline (SOT143R) and symbol.
Marking code: MO2.
handbook, halfpage
s,b
d
g
1
g
2
MAM040
34
1
2
Top view



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com