Electronic Components Datasheet Search
  English  ▼

X  

BF901 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF901
Description  Silicon n-channel dual gate MOS-FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF901 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF901 Datasheet HTML 1Page - NXP Semiconductors BF901 Datasheet HTML 2Page - NXP Semiconductors BF901 Datasheet HTML 3Page - NXP Semiconductors BF901 Datasheet HTML 4Page - NXP Semiconductors BF901 Datasheet HTML 5Page - NXP Semiconductors BF901 Datasheet HTML 6Page - NXP Semiconductors BF901 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
November 1992
4
Philips Semiconductors
Product specification
Silicon n-channel dual gate MOS-FETs
BF901; BF901R
STATIC CHARACTERISTICS
Tj = 25 °C.
DYNAMIC CHARACTERISTICS
Measuring conditions (common source): ID = 14 mA; VDS = 5 V; VG2-S = 4 V; Tamb = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±IG1-SS
gate 1 cut-off current
±VG1-S = 5 V; VG2-S = VDS = 0
−
50
nA
±I
G2-SS
gate 2 cut-off current
±VG2-S = 5 V; VG1-S = VDS = 0
−
50
nA
±V
(BR)G1-SS
gate 1-source breakdown voltage
±IG1-SS = 10 mA; VG2-S = VDS = 0
6
20
V
±V(BR)G2-SS
gate 2-source breakdown voltage
±IG2-SS = 10 mA; VG1-S = VDS = 0
6
20
V
VG1-S(th)
gate 1-source threshold voltage
ID = 20 µA; VDS = 8 V; VG2-S = 4 V
0
0.7
V
VG2-S(th)
gate 2-source threshold voltage
ID = 20 µA; VDS = 8 V; VG1-S = 0
0.3
1
V
IDSX
drain-source current
VDS = 4 V; VG1-S = 1.1 V; VG2-S = 3.4 V 2
18
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
 Yfs
transfer admittance
pulsed; Tj = 25 °C
252835mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
−
2.35
2.75
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
−
1.2
−
pF
Cos
output capacitance
f = 1 MHz
−
1.4
−
pF
Crs
feedback capacitance
f = 1 MHz
−
25
−
fF
F
noise figure
f = 200 MHz; Gs = 2 mS; Bs = Bsopt.
−
0.7
−
dB
f = 800 MHz; Gs = 3.3 mS; Bs = Bsopt.
−
1.7
−
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com