Electronic Components Datasheet Search
  English  ▼

X  

BF901 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF901
Description  Silicon n-channel dual gate MOS-FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF901 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF901 Datasheet HTML 1Page - NXP Semiconductors BF901 Datasheet HTML 2Page - NXP Semiconductors BF901 Datasheet HTML 3Page - NXP Semiconductors BF901 Datasheet HTML 4Page - NXP Semiconductors BF901 Datasheet HTML 5Page - NXP Semiconductors BF901 Datasheet HTML 6Page - NXP Semiconductors BF901 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
November 1992
3
Philips Semiconductors
Product specification
Silicon n-channel dual gate MOS-FETs
BF901; BF901R
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Device mounted on an FR4 printboard.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
12
V
VD-G2
drain-gate 2 voltage
−
6V
ID
DC drain current
−
30
mA
±I
G1-S
gate 1-source current
−
10
mA
±IG2-S
gate 2-source current
−
10
mA
Ptot
total power dissipation
BF901
up to Tamb = 50 °C (note 1)
−
200
mW
BF901R
up to Tamb = 40 °C (note 1)
−
200
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
thermal resistance from junction to ambient (note 1)
BF901
500 K/W
BF901R
550 K/W
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
240
0
120
MBB756
150
Ptot
(mW)
T
(
°C)
amb
BF901R
BF901



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com