Electronic Components Datasheet Search
  English  ▼

X  

MPC801 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 35Page - NXP Semiconductors MPC801 Datasheet HTML 36Page - NXP Semiconductors MPC801 Datasheet HTML 37Page - NXP Semiconductors MPC801 Datasheet HTML 38Page - NXP Semiconductors MPC801 Datasheet HTML 39Page - NXP Semiconductors MPC801 Datasheet HTML 40Page - NXP Semiconductors MPC801 Datasheet HTML 41Page - NXP Semiconductors MPC801 Datasheet HTML 42Page - NXP Semiconductors MPC801 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
The performance of the flash memory is shown in TABLE 4-5. "Flash Memory Performance Figures"
below:
The Flash module may disabled / enabled at any time by writing ’1’ / ’0’ the FlashEn~ bit in BCSR1.
4•8
Synchronous Dram
To enhance performance, especially in higher operation frequencies - 4 MBytes of SDRAM is
provided on board. The SDRAM is unbuffered from the MPC bus and is configured as 2 X 512K X
32. Use is done with two MB811171622A-100 chips by Fujitsu or compatibles.
To enhance performance, the SDRAM is unbuffered from the MPC, saving the delay associated with
address and data buffers. Since only 2 memory chips are involved, it does not adversely effect overall
system performance. The SDRAM does not reside on a SIMM but is soldered directly to the FADS
pcb. The SDRAM may be enabled / disabled at any time by writing 1 / 0 to the SDRAMEN bit in
BCSR1. See TABLE 4-10. "BCSR1 Description" on page 48.
The SDRAM’s timing is controlled by UPMB via its assigned CS (See TABLE 4-1. "MPC8XXFADS
Chip Selects’ Assignment" on page 31) line. Unlike a regular dram the synchronous dram has a CS
input in addition to the RAS and CAS signals.
The sdram connection scheme is shown in FIGURE 4-4 "SDRAM Connection Scheme" on page 38.
The SDRAM’s performance figures, are shown in TABLE 4-6. "Estimated SDRAM Performance Fig-
ures":
a. The figures in the table refer to the actual write access. The write operation continues internally
and the device has to be polled for operation completion.
a. One additional cycle for RAS precharge
b. 4-beat Refresh Burst, not including arbitration overhead.
TABLE 4-5. Flash Memory Performance Figures
Number of System Clock Cycles
System Clock Frequency [MHz]
50
25
Flash Delay [nsec]
90
120
90
120
Read / Writea Access [Clocks]
8
10
4
5
TABLE 4-6. Estimated SDRAM Performance Figures
Number of System Clock Cycles
System Clock Frequency [MHz]
50
25
Single Read
5
3
Single Write
3+1a
2 + 1a
Burst Read
5,1,1,1
3,1,1,1
Burst Write
3,1,1,1 + 1a
2,1,1,1 + 1a
Refresh
21 b
13 b
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com