Electronic Components Datasheet Search
  English  ▼

X  

MPC801 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 49Page - NXP Semiconductors MPC801 Datasheet HTML 50Page - NXP Semiconductors MPC801 Datasheet HTML 51Page - NXP Semiconductors MPC801 Datasheet HTML 52Page - NXP Semiconductors MPC801 Datasheet HTML 53Page - NXP Semiconductors MPC801 Datasheet HTML 54Page - NXP Semiconductors MPC801 Datasheet HTML 55Page - NXP Semiconductors MPC801 Datasheet HTML 56Page - NXP Semiconductors MPC801 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
"BCSR2 Description" on page 51.
a. Shaded areas are additions with respect to the MPC812/860ADS.
TABLE 4-13. BCSR2 Descriptiona
BIT
MNEMONIC
Function
PON
DEF
ATT.
0 - 3
FLASH_PD(4:1)
Flash Presence Detect(4:1). These lines are connected to the Flash SIMM
presence detect lines which encode the type of Flash SIMM mounted on the
Flash SIMM socket. There are additional 3 presence detect lines which
encode the SIMM’s delay but appear in BCSR3. For the encoding of
FLASH_PD(4:1) see
TABLE 4-14. "Flash Presence Detect (4:1)
Encoding" on page 51.
-R
4
Reserved
Un-implemented
-
-
5 - 8
DRAM_PD(4:1)
Dram Presence Detect. These lines are connected to the DRAM SIMM
presence detect lines which encode the size and the delay of the DRAM
SIMM mounted on the DRAM SIMM socket. For the encoding of
DRAM_PD(4:1) see
TABLE 4-15. "DRAM Presence Detect (2:1)
Encoding" on page 52 and TABLE 4-16. "DRAM Presence Detect
(4:3) Encoding" on page 52.
-R
9 - 12
EXTTOLI(0:3)
External Tools Identification. These lines, which are available at the
expansion connectors over the daughter board, are intended to serve as
tools’ identifier or as S/W option selection. On board s/w may check these
lines to detect The presence of various tools (h/w expansions) at the
expansion connectors or the state of a dedicated 4 switches dip-switch
which resides over the same lines or a combination of both. Half of the
available combinations is reserved while the other half is available to users’
applications.
For
the
external
tools’
codes
and
their
associated
combinations see
TABLE 4-17. "EXTOOLI(0:3) Assignment" on page
52.
-R
13 - 15
DBREVN(0:2)
Daughter Board Revision Number (0:2). This field represents the revision
code, hard-assigned to each daughter board. This is a production revision
which may be identical for different types of daughter boards. See
TABLE
4-18. "MPC8XXFADS Daughter Boards’ Revision Encoding" on
page 53, for revisions’ encoding.
-
R
13 - 31
Reserved
Un-implemented.
-
-
TABLE 4-14. Flash Presence Detect (4:1) Encoding
FLASH_PD(4:1)
FLASH TYPE / SIZE
0 - 3
Reserved
4
SM732A2000 / SM73228 - 8 Mbyte SIMM, by SMART Modular Technologies.
5
SM732A1000A / SM73218 - 4 Mbyte SIMM, by SMART Modular
Technologies.
6
MCM29080 - 8 MByte SIMM, by Motorola
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com