Electronic Components Datasheet Search
  English  ▼

X  

MPC801 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC801 Datasheet HTML 1Page - NXP Semiconductors MPC801 Datasheet HTML 2Page - NXP Semiconductors MPC801 Datasheet HTML 3Page - NXP Semiconductors MPC801 Datasheet HTML 4Page - NXP Semiconductors MPC801 Datasheet HTML 5Page - NXP Semiconductors MPC801 Datasheet HTML 6Page - NXP Semiconductors MPC801 Datasheet HTML 7Page - NXP Semiconductors MPC801 Datasheet HTML 8Page - NXP Semiconductors MPC801 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 242 page
background image
General Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1•6
MPC8XXFADS Features
t
4 MByte, Unbuffered, Synchronous Dram On-Board.
t
4 MByte EDO 60nsec delay DRAM SIMM. Support for 4 - 32 MByte FPM or EDO
Dram SIMM, with Automatic Dram SIMM identification. 16 Bit Data-Bus Width Sup-
port.
t
2 MByte Flash SIMM. Support for upto 8 MByte, 5V or 12V Programmable, with Au-
tomatic Flash SIMM identification.
t
Memory Disable Option for each local memory map slaves.
t
Board Control & Status Register - BCSR, Controlling Board’s Operation.
t
Programmable Hard-Reset Configuration via BCSR.
t
5V only PCMCIA Socket With Full Buffering, Power Control and Port Disable Option.
Complies with PCMCIA 2.1+ Standard.
t
Module Enable Indications.
t
10-Base-T Port On-Board, with Stand-By Mode.
t
Fast-IrDA (4MBps) Port with Stand-By Mode.
t
Dual RS232 port with Low-Power Option per each port.
t
On - Board Debug Port Controller with ADI I/F.
t
MPC8XXFADS Serving as Debug Station for Target System option.
t
Optional Hard-Reset Configuration Burned in FlashA.
t
External Tools’ Identification Capability, via BCSR.
t
Soft / HardB Reset Push - Button
t
ABORT Push - Button
t
SingleC 5V Supply.
t
Reverse / Over Voltage Protection for Power Inputs.
t
3.3V / 2V MPC Internal Logic OperationD, 3.3V MPC I/O Operation.
t
Power Indications for Each Power Bus.
t
Software Option Switch provides 16 S/W options via BCSR.
A. Available only if supported also on the MPC8XX.
B. Hard reset is applied by depressing BOTH Soft Reset & ABORT buttons.
C. Unless a 12V supply is required for a PCMCIA card or for a 12V programmable Flash SIMM.
D. Implemented on Daughter Board.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com