Electronic Components Datasheet Search
  English  ▼

X  

MPC801 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MPC801
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC801 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MPC801 Datasheet HTML 93Page - NXP Semiconductors MPC801 Datasheet HTML 94Page - NXP Semiconductors MPC801 Datasheet HTML 95Page - NXP Semiconductors MPC801 Datasheet HTML 96Page - NXP Semiconductors MPC801 Datasheet HTML 97Page - NXP Semiconductors MPC801 Datasheet HTML 98Page - NXP Semiconductors MPC801 Datasheet HTML 99Page - NXP Semiconductors MPC801 Datasheet HTML 100Page - NXP Semiconductors MPC801 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
"* In debug Mode
"******************************************************************************
InDebugMode.clk = IClk;
when (FRZ_IS_SELECTED & CHIP_IS_IN_SOCKET) then
InDebugMode := Freeze;
else when (!FRZ_IS_SELECTED & CHIP_IS_IN_SOCKET) then
InDebugMode := (VFLS0 & VFLS1);
else when (!CHIP_IN_SOCKET) then
InDebugMode := (VflsP0.pin & VflsP1.pin);
"******************************************************************************
"* TxError.
"* This bit of the status register is set ('1') when the MPC8XX internally resets
"* during data transmission over the debug port.
"* When this bit is writen '1' by the adi port (control) the status bit is
"* cleared. Writing '0' has no influence on that bit.
"******************************************************************************
equations
TxError.clk = IClk;
TxError.ar = Reset;
state_diagram TxError
state TX_DONE_OK:
if(STATE_TX_ENABLED & PdaRst.fb) then
TX_INTERRUPTED
else
TX_DONE_OK;
state TX_INTERRUPTED:
if (HOST_WRITE_ADI_CONTROL & BndTmrExp.fb & PD6.pin
# HOST_WRITE_ADI_DATA & BndTmrExp.fb & !PdaRst.fb) then
TX_DONE_OK
else
TX_INTERRUPTED;
"******************************************************************************
"* DSCK.
"* MPC8XX debug port, gated serial clock.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com