Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC823
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC823 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC823 Datasheet HTML 1Page - NXP Semiconductors MPC823 Datasheet HTML 2Page - NXP Semiconductors MPC823 Datasheet HTML 3Page - NXP Semiconductors MPC823 Datasheet HTML 4Page - NXP Semiconductors MPC823 Datasheet HTML 5Page - NXP Semiconductors MPC823 Datasheet HTML 6Page - NXP Semiconductors MPC823 Datasheet HTML 7Page - NXP Semiconductors MPC823 Datasheet HTML 8Page - NXP Semiconductors MPC823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 242 page
background image
General Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
1•5
SPECIFICATIONS
The MPC8XXFADS specifications are given in TABLE 1-1.
TABLE 1-1. MPC8XXFADS Specifications
CHARACTERISTICS
SPECIFICATIONS
Power requirements (no other boards attached)
+5Vdc @ 1.7 A (typical), 3 A (maximum)
+12Vdc - @1A.
Microprocessor
MPC8XX running upto @ 50 MHz
Addressing
Total address range:
Flash Memory
Dynamic RAM
Synchronous DRAM
4 GigaBytes
2 MByte, 32 bits wide expandable to 8 MBytes
4 MByte, 32 bits wide EDO SIMM
Support for up to 32 MByte, EDO or FPM SIMM
4 MBytes, organized as 1 Meg X 32 bit.
Operating temperature
0OC - 30OC
Storage temperature
-25OC to 85OC
Relative humidity
5% to 90% (non-condensing)
Dimensions:
Length
Width
Thickness
9.173" (233 mm)
6.3" (160 mm)
0.063" (1.6 mm)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com