Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MPC823
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC823 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MPC823 Datasheet HTML 83Page - NXP Semiconductors MPC823 Datasheet HTML 84Page - NXP Semiconductors MPC823 Datasheet HTML 85Page - NXP Semiconductors MPC823 Datasheet HTML 86Page - NXP Semiconductors MPC823 Datasheet HTML 87Page - NXP Semiconductors MPC823 Datasheet HTML 88Page - NXP Semiconductors MPC823 Datasheet HTML 89Page - NXP Semiconductors MPC823 Datasheet HTML 90Page - NXP Semiconductors MPC823 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
"* Reset MPC8XX. (Connected to MPC8XX hard and reset inputs) Asynchronous.
*
"******************************************************************************
equations
!PdaHardReset~ = H;
PdaHardReset~.oe = PdaHardResetEn;
"open-drain
PdaHardResetEn = ADS_IS_SELECTED &
(AdsHardReset==ADS_HARD_RESET_ACTIVE);
!PdaSoftReset~ = H;
PdaSoftReset~.oe = PdaSoftResetEn;
"needs to be open-drain
PdaSoftResetEn = ADS_IS_SELECTED &
(AdsSoftReset==ADS_SOFT_RESET_ACTIVE );
"******************************************************************************
"******************************************************************************
"* Clock generator.
"* All i/f logic works on IClk, which is driven externally by the output
"* of DbgClk divider.
"* The debug clock divider is a 3 bit free-running counter, outputs of which
"* control a 4:1 mux, output of which drives IClk (externally).
"* Since mux control may change on the fly, a protection logic by means of
"* 2 bit register is provided, so that mux control is allowed to change
"* only when all divider outputs are high which assures a falling edge prior
"* to a rising edge.
"* Clk2 is infact the source for DSCK and is available outside for debug
"* purpose.
"******************************************************************************
equations
DbgClkDiv.clk = DbgClk;
DbgClkDiv := DbgClkDiv.fb + 1; " free running counter.
"******************************************************************************
"* Clock Safe Transition Register. (CSTR)
"* The goal of this register is to provide safe clock transitions, i.e., that
"* a trasition will not cause races over the clockout. E.g., in a transition
"* between divide by 1 and divide by any bigger order, a possible race may
"* occur since the divided outputs are delayed with respect to DbgClk.
"* Therefore, a safe transition may be performed only when all clocks are LOW.
"******************************************************************************
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com