Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPC823
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC823 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPC823 Datasheet HTML 65Page - NXP Semiconductors MPC823 Datasheet HTML 66Page - NXP Semiconductors MPC823 Datasheet HTML 67Page - NXP Semiconductors MPC823 Datasheet HTML 68Page - NXP Semiconductors MPC823 Datasheet HTML 69Page - NXP Semiconductors MPC823 Datasheet HTML 70Page - NXP Semiconductors MPC823 Datasheet HTML 71Page - NXP Semiconductors MPC823 Datasheet HTML 72Page - NXP Semiconductors MPC823 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
18
PCCVPP
O
12V/5V VPP for the PC-Card programming. 12V available only
if12V is applied to P8. Controlled by the MPC8XXFADS, via
BCSR1.
19
PCCA16
O
PCMCIA Address line 16.
20
PCCA15
O
PCMCIA Address line 15.
21
PCCA12
O
PCMCIA Address line 12.
22
PCCA7
O
PCMCIA Address line 7.
23
PCCA6
O
PCMCIA Address line 6.
24
PCCA5
O
PCMCIA Address line 5.
25
PCCA4
O
PCMCIA Address line 4.
26
PCCA3
O
PCMCIA Address line 3.
27
PCCA2
O
PCMCIA Address line 2.
28
PCCA1
O
PCMCIA Address line 1.
29
PCCA0
O
PCMCIA Address line 0.
30
PCCD0
I/O
PCMCIA Data line 0.
31
PCCD1
I/O
PCMCIA Data line 1.
32
PCCD2
I/O
PCMCIA Data line 2.
33
WP
I
Write Protect indication from the PC-Card.
34
GND
Ground
35
GND
Ground
36
CD1~
I
Card Detect 1~. Active-low. Indicates in conjunction with CD2~
that a PC-Card is placed correctly in socket.
37
PCCD11
I/O
PCMCIA Data line 11.
38
PCCD12
I/O
PCMCIA Data line 12.
39
PCCD13
I/O
PCMCIA Data line 13.
40
PCCD14
I/O
PCMCIA Data line 14.
41
PCCD15
I/O
PCMCIA Data line 15.
42
BCE2A~
O
PCMCIA Chip Enable 2. Active-low. Enables ODD numbered
address bytes.
43
VS1
I
Voltage Sense 1 from PC-Card. Indicates in conjunction with VS2
the operation voltage for the PC-Card.
44
IORD~
O
I/O Read. Active-low. Drives data bus during I/O-Cards’ read
cycles.
45
IOWR~
O
I/O Write. Active-low. Strobes data to the PC-Card during I/O-
Card write cycles.
46
PCCA17
O
PCMCIA Address line 17.
TABLE 5-4. P4 - PCMCIA Connector Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com