Electronic Components Datasheet Search
  English  ▼

X  

MPC823 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC823
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC823 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC823 Datasheet HTML 5Page - NXP Semiconductors MPC823 Datasheet HTML 6Page - NXP Semiconductors MPC823 Datasheet HTML 7Page - NXP Semiconductors MPC823 Datasheet HTML 8Page - NXP Semiconductors MPC823 Datasheet HTML 9Page - NXP Semiconductors MPC823 Datasheet HTML 10Page - NXP Semiconductors MPC823 Datasheet HTML 11Page - NXP Semiconductors MPC823 Datasheet HTML 12Page - NXP Semiconductors MPC823 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
2•3•1
ADI Port Address Selection
The MPC8XXFADS can have eight possible slave addresses set for its ADI port, enabling up to eight
MPC8XXFADS boards to be connected to the same ADI board in the host computer. The selection
of the slave address is done by setting switches 1, 2 & 3 in the Dip-Switch - DS2. Switch 1 stands for
the most-significant bit of the address and switch 3 stands for the least-significant bit. If the switch is
in the ’ON’ state, it stands for logical ’1’. In FIGURE 2-2 DS1 is shown to be configured to address ’0’.
FIGURE 2-2 Configuration Dip-Switch - DS2
Table 2-1 describes the switch settings for each slave address:
2•3•2
Clock Source Selection
Switch #4 on DS2 selects the clock source for the MPC. When it is in the ’ON’ position while the FADS
is powered-up, the on-board 32.768 KHz crystal resonatorA becomes the clock source and the PLL
multiplication factor becomes 1:513. When switch #4 is in the ’OFF’ position while the FADS is
powered-up, the on-board 4BMHz clock generatorA becomes the clock source while the PLL
multiplication factor becomes 1:5.
2•3•3
Power-On Reset Source Selection
As there are differences between MPC revisions regarding the functionality of the Power-On Reset
logic, it is therefore necessary to select different sources for Power-ON reset generation.
The above selection is done on the Daughter Board and therefore, documented in the specific
A. Located on the Daughter-Board
B. A 5MHz clock generator is packed as well.
Table 2-1 ADI Address Selection
ADDRESS
Switch 1
Switch 2
Switch 3
0
OFF
OFF
OFF
1
OFF
OFF
ON
2
OFF
ON
OFF
3
OFF
ON
ON
4
ON
OFF
OFF
5
ON
OFF
ON
6
ON
ON
OFF
7
ONONON
DS2
1
2
3
4
ADR2
ADR1
ADR0
ADR2
ADR1
ADR0
32.678 KHz Crystal Resonator
3 - 5 MHz Generator via EXTCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com