Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 40Page - NXP Semiconductors MPC850 Datasheet HTML 41Page - NXP Semiconductors MPC850 Datasheet HTML 42Page - NXP Semiconductors MPC850 Datasheet HTML 43Page - NXP Semiconductors MPC850 Datasheet HTML 44Page - NXP Semiconductors MPC850 Datasheet HTML 45Page - NXP Semiconductors MPC850 Datasheet HTML 46Page - NXP Semiconductors MPC850 Datasheet HTML 47Page - NXP Semiconductors MPC850 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4•10
PCMCIA PortA
To enhance PCMCIA i/f development, a dedicated PCMCIA port is provided on the FADS. Support
is given to 5V only PC-Cards, PCMCIA standard 2.1+ compliant. All the necessary control signals are
generated by the MPC itself. To protect MPC signals from external hazards, and to provide sufficient
drive capability, a set of buffers and latches is provided over PC-Card’s address, data & strobe lines.
To conform with the design spirit of the FADS, i.e., making as much as possible MPC resources avail-
able for external application development, input buffers are provided for input control signals, con-
trolled by the PCC_EN~ bit in BCSR1, so the PCMCIA port may be Disabled / Enabled at any time,
by writing ’1’ / ’0’ to that bit. When the PCMCIA channel is disabled, its associated pins are available
for off-board use via the expansion connectors.
A loudspeaker is provided on board and connected to SPKROUT line of the MPC. The speaker is
buffered from the MPC and low-pass filtered. When the PCC_EN~ bit in BCSR1 is negated (high) the
speaker buffer is tri-stated so the SPKROUT signal of the MPC may be used for alternate function.
Since it is not desirableB to apply control signals to unpowered PC-Card, the strobe / data signal
buffers / transceivers are tri-stated and may be driven only when the PC-Card is powered.
The block diagram of the PCMCIA port is shown in FIGURE 4-6 "PCMCIA Port Configuration" on
page 43.
A. As the MPC801 does not have a PCMCIA port, this port is not operational with an MPC801 daughter board.
B. This since the PC-Card might have protection diodes on its inputs, which will force down input signals re-
gardless of their driven level.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com