Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 6Page - NXP Semiconductors MPC850 Datasheet HTML 7Page - NXP Semiconductors MPC850 Datasheet HTML 8Page - NXP Semiconductors MPC850 Datasheet HTML 9Page - NXP Semiconductors MPC850 Datasheet HTML 10Page - NXP Semiconductors MPC850 Datasheet HTML 11Page - NXP Semiconductors MPC850 Datasheet HTML 12Page - NXP Semiconductors MPC850 Datasheet HTML 13Page - NXP Semiconductors MPC850 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Daughter Board user’s manual.
2•3•4
VDDL Source Selection
This selection is done on the Daughter Board and therefore, documented in the specific Daughter
Board user’s manual.
2•3•5
Keep Alive Power Source Selection
This selection is done on the Daughter Board and therefore, documented in the specific Daughter
Board user’s manual.
2•3•6
Debug Mode Indication Source Selection
Jumper J1 selects between VFLS(0:1) signals and FRZ signal of the MPC as an indication for debug
mode state. Since with the MPC8XXs, each of these signals has alternate function, it may be neces-
sary to switch between the two sources, in favor of alternate function being used.
When a jumper is positioned between pins 1 and 2 of J1 - VFLS(0:1) are selected towards the debug-
port controller. When a jumper is placed between positions 2 - 3 of J1(2) - FRZ signal is selected.
FIGURE 2-3
2•4
INSTALLATION INSTRUCTIONS
When the MPC8XXFADS has been configured as desired by the user, it can be installed according
to the required working environment as follows:
•
Host Controlled Operation
•
Debug Port Controller for Target System
•
Stand-Alone
2•4•1
Host Controlled Operation
In this configuration the MPC8XXFADS is controlled by a host computer via the ADI through the
debug port. This configuration allows for extensive debugging using on-host debugger.
1
1
J1
J1
VFLS(0:1) Selected
FRZ Selected
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com