Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 63Page - NXP Semiconductors MPC850 Datasheet HTML 64Page - NXP Semiconductors MPC850 Datasheet HTML 65Page - NXP Semiconductors MPC850 Datasheet HTML 66Page - NXP Semiconductors MPC850 Datasheet HTML 67Page - NXP Semiconductors MPC850 Datasheet HTML 68Page - NXP Semiconductors MPC850 Datasheet HTML 69Page - NXP Semiconductors MPC850 Datasheet HTML 70Page - NXP Semiconductors MPC850 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•2
PA2, PB2 - RS232 Ports’ Connectors
The RS232 ports’ connectors - PA2 and PB2 are 9 pin, 90o, female D-Type Stacked connectors,
signals of which are presented in TABLE 5-2. "PA2, PB2 Interconnect Signals" below
5•1•3
P3 - Ethernet Port Connector
The Ethernet connector on the MPC8XXFADS - P3, is a Twisted-Pair (10-Base-T) compatible con-
nector. Use is done with 90o, 8-pin, RJ45 connector, signals of which are described in TABLE 5-3.
"P3 - Ethernet Port Interconnect Signals" below.
20 - 25
GND
Ground.
26
Not connected with this application
27 - 29
HOST_VCC
HOST VCC input from the host. Used to qualify FADS selection by the host. When host
is off, the debug port controller is disabled.
30
HOST_ENABLE~
HOST Enable input signal from the host. (Active low). Indicates that the host computer
is connected to FADS. Used, in conjunction with HOST_VCC and ADS_SEL(2:0) to
qualify FADS selection by the host.
31 - 33
GND
Ground.
34
PD0
Bit 0 of the ADI port data bus
35
PD2
Bit 2 of the ADI port data bus
36
PD4
Bit 4 of the ADI port data bus
37
PD6
Bit 6 of the ADI port data bus
TABLE 5-2. PA2, PB2 Interconnect Signals
Pin No.
Signal Name
Description
1
CD
Carrier Detect output from the MPC8XXFADS.
2
TX
Transmit Data output from the MPC8XXFADS.
3
RX
Receive Data input to the MPC8XXFADS.
4
DTR
Data Terminal Ready input to the MPC8XXFADS.
5
GND
Ground signal of the MPC8XXFADS.
6
DSR
Data Set Ready output from the MPC8XXFADS.
7
RTS (N.C.)
Request To Send. This line is not connected in the MPC8XXFADS.
8
CTS
Clear To Send output from the MPC8XXFADS.
9
-
Not connected
TABLE 5-3. P3 - Ethernet Port Interconnect Signals
Pin No.
Signal Name
Description
1
TPTX
Twisted-Pair Transmit Data positive output from the MPC8XXFADS.
2
TPTX~
Twisted-Pair Transmit Data negative output from the MPC8XXFADS.
TABLE 5-1 P1 - ADI Port Interconnect Signals
Pin No.
Signal Name
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com