Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPC850
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 68Page - NXP Semiconductors MPC850 Datasheet HTML 69Page - NXP Semiconductors MPC850 Datasheet HTML 70Page - NXP Semiconductors MPC850 Datasheet HTML 71Page - NXP Semiconductors MPC850 Datasheet HTML 72Page - NXP Semiconductors MPC850 Datasheet HTML 73Page - NXP Semiconductors MPC850 Datasheet HTML 74Page - NXP Semiconductors MPC850 Datasheet HTML 75Page - NXP Semiconductors MPC850 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•7
P7 - 12V Power Connector
The 12V power connector - P7, is a two-lead, 2 part, terminal block connector, identical in type to the
5V connector. P7 supplies, when necessary, programming voltage to the Flash SIMM and / or to the
PCMCIA slot.
5•1•8
P8 - Serial Ports’ Expansion Connector
P8 is the serial ports expansion connector. Its is compatibleA with the QUADS board and with the
previous MPC8XXFADS.
P8 is a 96 pin, Female, DIN 41612 connector.
Since the pinout of P8 is specific to the Daughter-Board connected to the FADS, it is described in
each Daughter-Board User’s manual.
5•1•9
PD1, PD2, PD3 & PD4 - Daughter Boards’ Connectors Interconnect Signals
To be described in the next edition of this document.
5•2
MPC8XXFADS Part List
In this section the MPC8XXFADS’s bill of material is listed according to their reference designation.
To be added in the next edition of this document.
A. True for the MPC860, but true upto an extent for other derivatives.
3
GND
GND line from external power supply.
TABLE 5-7. P7 - Interconnect Signals
Pin
Number
Signal Name
Description
1
12V
12V input from external power supply.
2
GND
GND line from external power supply.
TABLE 5-6. P6 - Interconnect Signals
Pin
Number
Signal Name
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com