Electronic Components Datasheet Search
  English  ▼

X  

MPC8347A Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8347A
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347A Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8347A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8347A Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
96
Freescale Semiconductor
Thermal
f
Accurate thermal design requires thermal modeling of the application environment using computational
fluid dynamics software which can model both the conduction cooling and the convection cooling of the
air moving through the application. Simplified thermal models of the packages can be assembled using the
junction-to-case and junction-to-board thermal resistances listed in the thermal resistance table. More
detailed thermal models can be made available on request.
Heat sink vendors include the following list:
Aavid Thermalloy
603-224-9988
80 Commercial St.
Concord, NH 03301
Internet: www.aavidthermalloy.com
Alpha Novatech
408-567-8082
473 Sapena Ct. #12
Santa Clara, CA 95054
Internet: www.alphanovatech.com
International Electronic Research Corporation (IERC)
818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Table 67. Heat Sink and Thermal Resistance of MPC8347EA (PBGA)
Heat Sink Assuming Thermal Grease
Air Flow
29
× 29 mm PBGA
Thermal Resistance
AAVID 30
× 30 × 9.4 mm Pin Fin
Natural Convection
13.5
AAVID 30
× 30 × 9.4 mm Pin Fin
1 m/s
9.6
AAVID 30
× 30 × 9.4 mm Pin Fin
2 m/s
8.8
AAVID 31
× 35 × 23 mm Pin Fin
Natural Convection
11.3
AAVID 31
× 35 × 23 mm Pin Fin
1 m/s
8.1
AAVID 31
× 35 × 23 mm Pin Fin
2 m/s
7.5
Wakefield, 53
× 53 × 25 mm Pin Fin
Natural Convection
9.1
Wakefield, 53
× 53 × 25 mm Pin Fin
1 m/s
7.1
Wakefield, 53
× 53 × 25 mm Pin Fin
2 m/s
6.5
MEI, 75
× 85 × 12 no adjacent board, extrusion
Natural Convection
10.1
MEI, 75
× 85 × 12 no adjacent board, extrusion
1 m/s
7.7
MEI, 75
× 85 × 12 no adjacent board, extrusion
2 m/s
6.6
MEI, 75
× 85 × 12 mm, adjacent board, 40 mm Side bypass
1 m/s
6.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com