Electronic Components Datasheet Search
  English  ▼

X  

TL7660CDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660CDR
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660CDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL7660CDR Datasheet HTML 2Page - Texas Instruments TL7660CDR Datasheet HTML 3Page - Texas Instruments TL7660CDR Datasheet HTML 4Page - Texas Instruments TL7660CDR Datasheet HTML 5Page - Texas Instruments TL7660CDR Datasheet HTML 6Page - Texas Instruments TL7660CDR Datasheet HTML 7Page - Texas Instruments TL7660CDR Datasheet HTML 8Page - Texas Instruments TL7660CDR Datasheet HTML 9Page - Texas Instruments TL7660CDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
IL – Load Current – mA
0
2
4
6
8
10
12
14
16
18
20
VCC = 2 V
TA = 25°C
η
POWER
I
CC
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
IL – Load Current – mA
0
10
20
30
40
50
60
70
80
90
100
VCC = 5 V
TA = 25°C
η
POWER
I
CC
88
90
92
94
96
98
100
1000
10000
100000
fOSC – Oscillator Frequency – Hz
VCC = 5 V
TA = 25°C
IOUT = 1 mA
1k
10k
100k
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY AND SUPPLY CURRENT
EFFICIENCY AND SUPPLY CURRENT
vs
vs
LOAD CURRENT
LOAD CURRENT
EFFICIENCY
vs
OSCILLATOR FREQUENCY
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com