Electronic Components Datasheet Search
  English  ▼

X  

TL7660CDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660CDR
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660CDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7660CDR Datasheet HTML 6Page - Texas Instruments TL7660CDR Datasheet HTML 7Page - Texas Instruments TL7660CDR Datasheet HTML 8Page - Texas Instruments TL7660CDR Datasheet HTML 9Page - Texas Instruments TL7660CDR Datasheet HTML 10Page - Texas Instruments TL7660CDR Datasheet HTML 11Page - Texas Instruments TL7660CDR Datasheet HTML 12Page - Texas Instruments TL7660CDR Datasheet HTML 13Page - Texas Instruments TL7660CDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
Output Ripple
A
B
0
V
t
2
t
1
–V+
Paralleling Devices
+
-
1
2
3
4
8
7
6
5
TL7660
"1"
1
2
3
4
8
7
6
5
TL7660
"n"
+
-
+
+
-
V+
C
1
C
2
R
L
C
1
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
ESR also affects the ripple voltage seen at the output. The total ripple is determined by two voltages, A and B,
as shown in Figure 4. Segment A is the voltage drop across the ESR of C2 at the instant it goes from being
charged by C1 (current flow into C2) to being discharged through the load (current flowing out of C2). The
magnitude of this current change is 2
× I
OUT, hence the total drop is 2 × IOUT × eSRC2 V. Segment B is the
voltage change across C2 during time t2, the half of the cycle when C2 supplies current to the load. The drop at
B is IOUT × t2/C2 V. The peak-to-peak ripple voltage is the sum of these voltage drops:
VRIPPLE ≈ (1/(2fPUMPC2) + 2(ESRC2)) × IOUT
Again, a low ESR capacitor results in a higher performance output.
Figure 4. Output Ripple
Any number of TL7660 voltage converters may be paralleled to reduce output resistance (see Figure 5). The
reservoir capacitor, C2, serves all devices, while each device requires its own pump capacitor, C1. The resultant
output resistance would be approximately:
ROUT = ROUT (of TL7660)/n (number of devices)
Figure 5. Paralleling Devices
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com