Electronic Components Datasheet Search
  English  ▼

X  

TL7660CDR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660CDR
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660CDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL7660CDR Datasheet HTML 8Page - Texas Instruments TL7660CDR Datasheet HTML 9Page - Texas Instruments TL7660CDR Datasheet HTML 10Page - Texas Instruments TL7660CDR Datasheet HTML 11Page - Texas Instruments TL7660CDR Datasheet HTML 12Page - Texas Instruments TL7660CDR Datasheet HTML 13Page - Texas Instruments TL7660CDR Datasheet HTML 14Page - Texas Instruments TL7660CDR Datasheet HTML 15Page - Texas Instruments TL7660CDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ti.com
1
2
3
4
8
7
6
5
TL7660
+
-
+
-
+
-
+
-
V+
C
OSC
V
OUT
C
1
C
2
Positive Voltage Doubling
1
2
3
4
8
7
6
5
TL7660
V+
V
= (2V+) – (2VF)
OUT
D
1
D
2
C
1
C
2
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
It is also possible to increase the conversion efficiency of the TL7660 at low load levels by lowering the oscillator
frequency (see Figure 8). This reduces the switching losses. However, lowering the oscillator frequency causes
an undesirable increase in the impedance of the pump (C
1) and reservoir (C2) capacitors; this is overcome by
increasing the values of C
1 and C2 by the same factor that the frequency has been reduced. For example, the
addition of a 100-pF capacitor between terminal 7 (OSC) and V
CC lowers the oscillator frequency to 1 kHz from
its nominal frequency of 10 kHz (a multiple of 10), and thereby necessitate a corresponding increase in the
value of C
1 and C2 (from 10 µF to 100 µF).
Figure 8. Lowering Oscillator Frequency
The TL7660 may be used to achieve positive voltage doubling using the circuit shown in Figure 9. In this
application, the pump inverter switches of the TL7660 are used to charge C1 to a voltage level of VCC – VF
(where VCC is the supply voltage and VF is the forward voltage drop of diode D1). On the transfer cycle, the
voltage on C1 plus the supply voltage (VCC) is applied through diode D2 to capacitor C2. The voltage thus
created on C2 becomes (2VCC) – (2VF) or twice the supply voltage minus the combined forward voltage drops of
diodes D1 and D2.
The source impedance of the output (VOUT) depends on the output current.
Figure 9. Positive-Voltage Doubler
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com