Electronic Components Datasheet Search
  English  ▼

X  

TL7660CDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660CDR
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660CDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL7660CDR Datasheet HTML 7Page - Texas Instruments TL7660CDR Datasheet HTML 8Page - Texas Instruments TL7660CDR Datasheet HTML 9Page - Texas Instruments TL7660CDR Datasheet HTML 10Page - Texas Instruments TL7660CDR Datasheet HTML 11Page - Texas Instruments TL7660CDR Datasheet HTML 12Page - Texas Instruments TL7660CDR Datasheet HTML 13Page - Texas Instruments TL7660CDR Datasheet HTML 14Page - Texas Instruments TL7660CDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
Cascading Devices
1
2
3
4
8
7
6
5
TL7660
"1"
1
2
3
4
8
7
6
5
10 µF
+
+
-
+
+
-
V+
+
-
10 µF
V
= –nV+
OUT
10 µF
TL7660
"n"
+
-
10 µF
Changing the TL7660 Oscillator Frequency
1
2
3
4
8
7
6
5
TL7660
10 µF
+
-
CMOS
Gate
+
+
–
10 µF
V
OUT
V+
V+
–
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
The TL7660 may be cascaded as shown to produced larger negative multiplication of the initial supply voltage
(see Figure 6). However, due to the finite efficiency of each device, the practical limit is 10 devices for light
loads. The output voltage is defined by:
VOUT = –n (VIN)
Where n is an integer representing the number of devices cascaded. The resulting output resistance would be
approximately the weighted sum of the individual TL7660 ROUT values.
Figure 6. Cascading Devices for Increased Output Voltage
It may be desirable in some applications, due to noise or other considerations, to increase the oscillator
frequency. This is achieved by overdriving the oscillator from an external clock, as shown in Figure 7. To prevent
possible device latchup, a 1-k
Ω resistor must be used in series with the clock output. When the external clock
frequency is generated using TTL logic, the addition of a 10-k
Ω pullup resistor to V
CC supply is required. Note
that the pump frequency with external clocking, as with internal clocking, will be 1/2 of the clock frequency.
Output transitions occur on the positive-going edge of the clock.
Figure 7. External Clocking
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com