Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998WR Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF998WR Datasheet HTML 3Page - NXP Semiconductors BF998WR Datasheet HTML 4Page - NXP Semiconductors BF998WR Datasheet HTML 5Page - NXP Semiconductors BF998WR Datasheet HTML 6Page - NXP Semiconductors BF998WR Datasheet HTML 7Page - NXP Semiconductors BF998WR Datasheet HTML 8Page - NXP Semiconductors BF998WR Datasheet HTML 9Page - NXP Semiconductors BF998WR Datasheet HTML 10Page - NXP Semiconductors BF998WR Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Sep 05
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.11 Input admittance as a function of the
frequency; typical values.
VDS = 8 V; VG2-S =4V.
ID = 10 mA; Tamb =25 °C.
10 3
MGC466
102
10
10 2
1
10
10 1
y is
(mS)
f (MHz)
b is
g is
VDS = 8 V; VG2-S =4V.
ID = 10 mA; Tamb =25 °C.
Fig.12 Reverse transfer admittance and phase as
a function of frequency; typical values.
10 3
MGC467
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
(
µS)
f (MHz)
rs
yrs
(deg)
rs
ϕ
ϕ
Fig.13 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 8 V; VG2-S =4V.
ID = 10 mA; Tamb =25 °C.
10 3
MGC468
102
10
1
10 2
10
1
10
10
2
y fs
(mS)
y fs
f (MHz)
(deg)
fs
fs
ϕ
ϕ
Fig.14 Output admittance as a function of the
frequency; typical values.
VDS = 8 V; VG2-S =4V.
ID = 10 mA; Tamb =25 °C.
10 3
MGC469
102
10
10 1
10
1
10 2
yos
(mS)
f (MHz)
bos
gos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com