Electronic Components Datasheet Search
  English  ▼

X  

BF998WR Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998WR Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF998WR Datasheet HTML 4Page - NXP Semiconductors BF998WR Datasheet HTML 5Page - NXP Semiconductors BF998WR Datasheet HTML 6Page - NXP Semiconductors BF998WR Datasheet HTML 7Page - NXP Semiconductors BF998WR Datasheet HTML 8Page - NXP Semiconductors BF998WR Datasheet HTML 9Page - NXP Semiconductors BF998WR Datasheet HTML 10Page - NXP Semiconductors BF998WR Datasheet HTML 11Page - NXP Semiconductors BF998WR Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Sep 05
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
VDD = 12 V; GS = 3.3 mS; GL = 1 mS.
L1 = L4 = 200 nH; 11 turns 0.5 mm copper wire, without spacing, internal diameter 3 mm.
L2 = 2 cm, silvered 0.8 mm copper wire, 4 mm above ground plane.
L3 = 2 cm, silvered 0.5 mm copper wire, 4 mm above ground plane.
Fig.16 Gain control test circuit at f = 800 MHz.
VAGC
1 nF
1 nF
1 nF
50
Ω
input
50
Ω
input
1 nF
270
k
Ω
360
Ω
1.8
k
Ω
140
k
Ω
100 k
Ω
VDD
VDD
1 nF
MGC480
VDD
1 nF
1 nF
L1
L2
C1
2-18 pF
C2
0.5-3.5 pF
C3
0.5-3.5 pF
,,
,,
L3
L4
C4
4-40 pF
,,
Fig.17 Automatic gain control characteristics
measured in circuit of Fig.15.
VDD = 12 V; f = 200 MHz; Tamb =25 °C.
010
0
−50
−40
MGC479
−30
−20
−10
24
6
8
IDSS=
max
typ
min
∆G
tr
(dB)
VAGC(V)
VDD = 12 V; f = 800 MHz; Tamb =25 °C.
Fig.18 Automatic gain control characteristics
measured in circuit of Fig.16.
010
0
−50
−40
MGC478
−30
−20
−10
24
6
8
IDSS=
max
typ
min
∆G
tr
(dB)
VAGC(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com